Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS-4N Datasheet(PDF) 2 Page - Sumida Corporation

No. de pieza CS-4N
Descripción Electrónicos  RF COILS < SMD Type: CS-4 Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CS-4N Datasheet(HTML) 2 Page - Sumida Corporation

  CS-4N Datasheet HTML 1Page - Sumida Corporation CS-4N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CS-4, CS-4N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
RF COILS < SMD Type: CS-4 Series>
Connection (Bottom View)
CS-4
CS-4N
“S”is winding start.
Specification (CS-4) (Part No. 5202-T293)
Item
(1−3)
Measuring Condition
Tuning capacitance
11.5pF±2%
Within
100MHz
Unloaded Qu
35 Min.
100MHz
Specification(CS-4N) (Part No. 5203-T045)
Item
(3−4)
Measuring Condition
Tuning capacitance
54.3pF±1%
Within
100MHz
Unloaded Qu
45 Min.
100MHz
3
2
1
4
6
S
S
3
2
1
4
6


Número de pieza similar - CS-4N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Copal Electronics
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NA COPAL-CS-4-12NA Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NB COPAL-CS-4-12NB Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NC COPAL-CS-4-12NC Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NTA COPAL-CS-4-12NTA Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
More results

Descripción similar - CS-4N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CS54 SUMIDA-CS54 Datasheet
33Kb / 1P
   RF COILS < SMD Type: CS Series>
CS55 SUMIDA-CS55 Datasheet
41Kb / 2P
   RF COILS < SMD Type: CS Series>
CS-5LN SUMIDA-CS-5LN Datasheet
38Kb / 1P
   RF COILS < SMD Type: CS Series>
CS-5F SUMIDA-CS-5F Datasheet
30Kb / 1P
   RF COILS < SMD Type: CS Series>
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
   RF COILS < SMD Type: CS Series>
CFE654 SUMIDA-CFE654 Datasheet
126Kb / 1P
   RF Coils < SMD Type: CFE Series>
S-4N SUMIDA-S-4N Datasheet
153Kb / 2P
   RF COILS < Pin Type: S-4 Series>
CY-4 SUMIDA-CY-4 Datasheet
88Kb / 2P
   Filter Coils < SMD Type: CY Series>
CFB3-6 SUMIDA-CFB3-6 Datasheet
152Kb / 2P
   Filter Coils< SMD Type: CFB Series>
CPG54 SUMIDA-CPG54 Datasheet
34Kb / 1P
   IFT COILS < SMD Type: CPG Series>
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com