Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA3608 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA3608
Descripción Electrónicos  Multiple voltage regulator with switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3608 Datasheet HTML 7Page - NXP Semiconductors TDA3608 Datasheet HTML 8Page - NXP Semiconductors TDA3608 Datasheet HTML 9Page - NXP Semiconductors TDA3608 Datasheet HTML 10Page - NXP Semiconductors TDA3608 Datasheet HTML 11Page - NXP Semiconductors TDA3608 Datasheet HTML 12Page - NXP Semiconductors TDA3608 Datasheet HTML 13Page - NXP Semiconductors TDA3608 Datasheet HTML 14Page - NXP Semiconductors TDA3608 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Aug 14
11
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch
TDA3608Q
Notes
1. Minimum operating voltage, only if VP has exceeded 6.5 V.
2. The quiescent current is measured in the standby mode. So, the enable inputs of regulators 1, 3 and the switch are
grounded and RL(REG2) = ∞ (see Fig.6).
3. The voltage of the regulator sinks as a result of a VP drop.
4. The rise and fall time is measured with a 10 k
Ω pull-up resistor and a 50 pF load capacitor.
5. The delay time depends on the value of the capacitor:
6. The drop-out voltage of regulators 1, 2 and 3 is measured between VP and REGn.
7. At current limit, IREGmn is held constant (see Fig.4 for behaviour of IREGmn).
8. The foldback current protection limits the dissipated power at short-circuit (see Fig.4).
9. The peak current of 300 mA can only be applied for short periods (t < 100 ms).
10. The drop-out voltage measured between BU and REG2.
11. The drop-out voltage of the power switch is measured between VP and SW.
12. The maximum output current of the power switch is limited to 1.8 A when the supply voltage exceeds 18 V.
13. At short-circuit, Isc of the power switch is held constant to a lower value than the continuous current after a delay of
at least 10 ms (see Fig.5).
14. The reverse current of the back-up switch is measured when flowing out of pin VP with VP =0V.
t
d
C
I
ch
------
V
C (th)
×
C
750
3
×10
() ms
()
×
==


Número de pieza similar - TDA3608

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3608Q PHILIPS-TDA3608Q Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3608TH PHILIPS-TDA3608TH Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
More results

Descripción similar - TDA3608

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618JR PHILIPS-TDA3618JR Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3681 PHILIPS-TDA3681 Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3609JR PHILIPS-TDA3609JR Datasheet
136Kb / 20P
   Multiple voltage regulator with switch and ignition buffers
1997 Aug 15
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com