Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSC2046E Datasheet(PDF) 10 Page - Burr-Brown (TI) |
|
|
TSC2046E Datasheet(HTML) 10 Page - Burr-Brown (TI) |
10 / 30 page TSC2046E SBAS417 − JUNE 2007 www.ti.com 10 ANALOG INPUT Figure 2 shows a block diagram of the input multiplexer on the TSC2046E, the differential input of the ADC, and the differential reference of the converter. Table 1 and Table 2 show the relationship between the A2, A1, A0, and SER/DFR control bits and the configuration of the TSC2046E. The control bits are provided serially via the DIN pin—see the Digital Interface section of this data sheet for more details. When the converter enters the hold mode, the voltage difference between the +IN and –IN inputs (shown in Figure 2) is captured on the internal capacitor array. The input current into the analog inputs depends on the conversion rate of the device. During the sample period, the source must charge the internal sampling capacitor (typically 25pF). After the capacitor is fully charged, there is no further input current. The rate of charge transfer from the analog source to the converter is a function of conversion rate. ADC Logic Level Shifter −REF +REF +IN −IN V BAT AUX Battery On GND 2.5V Reference Ref On/Off X+ X − +VCC TEMP1 PENIRQ 50k Ω or 90k Ω Y+ Y − VREF IOVDD TEMP0 7.5k Ω 2.5k Ω A2− A0 (Shown 001 B) SER/DFR (Shown Low) Figure 2. Simplified Diagram of Analog Input A2 A1 A0 VBAT AUXIN TEMP Y− X+ Y+ Y-POSITION X-POSITION Z1-POSITION Z2-POSITION X-DRIVERS Y-DRIVERS 0 0 0 +IN (TEMP0) Off Off 0 0 1 +IN Measure Off On 0 1 0 +IN Off Off 0 1 1 +IN Measure X−, On Y+, On 1 0 0 +IN Measure X−, On Y+, On 1 0 1 +IN Measure On Off 1 1 0 +IN Off Off 1 1 1 +IN (TEMP1) Off Off Table 1. Input Configuration (DIN), Single-Ended Reference Mode (SER/DFR high) A2 A1 A0 +REF −REF Y− X+ Y+ Y-POSITION X-POSITION Z1-POSITION Z2-POSITION DRIVERS 0 0 1 Y+ Y− +IN Measure Y+, Y− 0 1 1 Y+ X− +IN Measure Y+, X− 1 0 0 Y+ X− +IN Measure Y+, X− 1 0 1 X+ X− +IN Measure X+, X− Table 2. Input Configuration (DIN), Differential Reference Mode (SER/DFR low) |
Número de pieza similar - TSC2046E_07 |
|
Descripción similar - TSC2046E_07 |