Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA3617J Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA3617J
Descripción Electrónicos  Multiple voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3617J Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3617J Datasheet HTML 7Page - NXP Semiconductors TDA3617J Datasheet HTML 8Page - NXP Semiconductors TDA3617J Datasheet HTML 9Page - NXP Semiconductors TDA3617J Datasheet HTML 10Page - NXP Semiconductors TDA3617J Datasheet HTML 11Page - NXP Semiconductors TDA3617J Datasheet HTML 12Page - NXP Semiconductors TDA3617J Datasheet HTML 13Page - NXP Semiconductors TDA3617J Datasheet HTML 14Page - NXP Semiconductors TDA3617J Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1999 Jul 14
11
Philips Semiconductors
Preliminary specification
Multiple voltage regulator
TDA3617
Example 1
Regulators 1, 2 and 3 are stabilized with an electrolytic
output capacitor of 220
µF (ESR = 0.15 Ω). At −30 °C, the
capacitor value is decreased to 73
µF and the ESR is
increased to 1.1
Ω. The regulator will remain stable at
−30 °C.
Example 2
Regulators 1, 2 and 3 are stabilized with an electrolytic
output capacitor of 10
µF (ESR = 3.18 Ω). At −30 °C, the
capacitor value is decreased to 3.3
µF and the ESR is
increased to 23
Ω. The regulator will be instable at −30 °C.
Solution
Use a 47 nF HF capacitor in parallel with the output
electrolytic output capacitor. As can be seen from the
graph in Fig.7, the regulators will remain stable with an
output capacitor of 47 nF onwards. The electrolytic output
capacitor is only needed to minimize the output noise.
Fig.7
Curve for selecting the value of output
capacitor for regulator 1.
handbook, halfpage
0
0.1
1
10
C (
µF)
MGK612
stable region
maximum ESR
100
R
(
Ω)
20
15
10
5


Número de pieza similar - TDA3617J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3616 PHILIPS-TDA3616 Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3616SF PHILIPS-TDA3616SF Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3616T PHILIPS-TDA3616T Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3618 PHILIPS-TDA3618 Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
More results

Descripción similar - TDA3617J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
logo
Hitachi Semiconductor
HA13164A HITACHI-HA13164A Datasheet
130Kb / 18P
   Multiple Voltage Regulator
logo
Sanyo Semicon Device
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator???
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
   Multifunction Multiple Voltage Regulator
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
   MULTIPLE SWITCHING VOLTAGE REGULATOR
September 2003
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
logo
Sanyo Semicon Device
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator?
logo
STMicroelectronics
L5953 STMICROELECTRONICS-L5953_07 Datasheet
378Kb / 31P
   Multiple switching voltage regulator
logo
NXP Semiconductors
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com