Nombre de pieza
         Descripción
SP1486E

 +5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, ±15kV ESD-Protected ( 15 Page)


SIPEX
100% 
Zoom Out Zoom In
 6 page
background image
Rev J 3/8/2007
SP1486E PROFIBUS/RS485 Transceivers
© Copyright 2007 Sipex Corporation
6
TYPICAL PERFORMANCE CHARACTERISTICS
Output Current vs Receiver Output Low
Voltage
0
10
20
30
40
50
60
0
1
2
3
4
5
Output Low Voltage (V)
Output Current (mA)
Output Current vs Receiver Output High
Voltage
0
5
10
15
20
25
30
35
0
1
2
3
4
5
Output High Voltage (V)
Output Current (mA)
Receiver Output High Voltage vs
Temperature
3.5
3.6
3.7
3.8
3.9
4
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Output High Voltage (V)
IOUT =8mA, V ID=-40mV
Receiver Output Low Voltage vs
Temperature
0.1
0.15
0.2
0.25
0.3
0.35
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Output Low Voltage (V)
IOUT =8mA, V ID=-200mV
Driver Differential Output Voltage vs
Temperature
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Output Voltage (V)
R L
R L
Rl=100Ω
Rl=54Ω
20
15
40
30
20
Driver Output Current
vs Differential Output Voltage
0.01
0.1
1
10
100
0
1
2
3
4
5
6
Differential Output Voltage (V)
Output Current (mA)
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SP3080E-3088EAdvanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load Slew-Rate Limited ±15kV ESD-Protected 1 2 3 4 5 MoreSipex Corporation
ISL4489E_06±15kV ESD Protected 1/8 Unit Load 5V Low Power High Speed and Slew Rate Limited Full Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL8487E_06±15kV ESD Protected 1/8 Unit Load 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
MAX13481E±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors 1 2 3 4 5 MoreMaxim Integrated Products
HIN202E_05±15kV ESD-Protected +5V Powered RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
MAX481E_03±15kV ESD-Protected Slew-Rate-Limited Low-Power RS-485/RS-422 Transceivers 1 2 3 4 5 MoreMaxim Integrated Products
ISL8487_061/8 Unit Load 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
FPF1003_0612IntelliMAX™ Advanced Load Management Products 1 2 3 4 5 MoreFairchild Semiconductor
FPF1005_0612IntelliMAXTM Advanced Load Management Products 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl