Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA3665AT Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA3665AT
Descripción Electrónicos  Very low dropout voltage/quiescent current 8.5 V voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3665AT Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3665AT Datasheet HTML 1Page - NXP Semiconductors TDA3665AT Datasheet HTML 2Page - NXP Semiconductors TDA3665AT Datasheet HTML 3Page - NXP Semiconductors TDA3665AT Datasheet HTML 4Page - NXP Semiconductors TDA3665AT Datasheet HTML 5Page - NXP Semiconductors TDA3665AT Datasheet HTML 6Page - NXP Semiconductors TDA3665AT Datasheet HTML 7Page - NXP Semiconductors TDA3665AT Datasheet HTML 8Page - NXP Semiconductors TDA3665AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2000 Apr 25
2
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
8.5 V voltage regulator
TDA3665
FEATURES
• Fixed 8.5 V, 100 mA regulator
• Supply voltage range up to 33 V (45 V)
• Very low quiescent current of 15 µA (typical value)
• Very low dropout voltage
• High ripple rejection
• Very high stability:
– Electrolytic capacitors: Equivalent Series Resistance
(ESR) < 30
Ω at IREG ≤ 25 mA (see Fig.6)
– Other capacitors: 100 nF at 200
µA ≤ IREG ≤ 100 mA.
• Pin compatible family TDA3662 to TDA3666
• Protections:
– Reverse polarity safe (down to
−25 V without high
reverse current)
– Negative transient of 50 V (RS =10 Ω and
t < 100 ms)
– Able to withstand voltages up to 18 V at the output
(supply line may be short-circuited)
– ESD protection on all pins
– DC short-circuit safe to ground and VP of the
regulator output
– Temperature protection (at Tj > 150 °C).
GENERAL DESCRIPTION
The TDA3665 is a fixed 8.5 V voltage regulator with a very
low dropout voltage and quiescent current, which operates
over a wide supply voltage range.
The IC is available as:
• TDA3665: VP ≤ 45 V, −40 °C ≤ Tamb ≤ +125 °C and
SO4 package (automotive)
• TDA3665AT: VP ≤ 45 V, −40 °C ≤ Tamb ≤ +125 °C and
SO8 package (automotive).
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
regulator on
TDA3665
3
14.4
45
V
TDA3665AT
3
14.4
45
V
Iq
quiescent supply current
VP = 14.4 V; IREG =0mA
15
30
µA
Voltage regulator
VREG
output voltage
11.5 V
≤ VP ≤ 22 V; IREG = 0.5 mA
8.08
8.5
8.92
V
11.5 V
≤ V
P ≤ 45 V; IREG = 0.5 mA
8.0
8.5
9.0
V
VP = 14.4 V;
0.5 mA
≤ IREG ≤ 100 mA
8.0
8.5
9.0
V
VREG(drop)
dropout voltage
VP = 7.9 V; IREG =50mA;
Tamb ≤ 85 °C
0.18
0.3
V
TYPE
NUMBER
PACKAGES
NAME
DESCRIPTION
VERSION
TDA3665
SO4
plastic small outline package; 4 leads; body width 3.5 mm
SOT223-1
TDA3665AT
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1


Número de pieza similar - TDA3665AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3661AT PHILIPS-TDA3661AT Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3661T PHILIPS-TDA3661T Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3662AT PHILIPS-TDA3662AT Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
More results

Descripción similar - TDA3665AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3675 PHILIPS-TDA3675 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 8.5 V voltage regulator with enable
2000 Feb 01
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com