Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM0512 Datasheet(PDF) 2 Page - Microsemi Corporation |
|
SM0512 Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 2 page Control Devices Microsemi – Lowell 75 Technology Drive, Lowell, MA 01851 Tel. (978) 442-5600 CERAMIC MELF ELECTRICAL SPECIFICATION AT 2 5°C PART NO. CASE STYLE SUGGESTED VOLTAGE RATING IR < 10µa VR TOTAL CAPACITANCE F = 1 MHz VR=50V pF (MAX) SERIES RESISTANCE If=100mA F=100MHz OHM (MAX) SERIES RESISTANCE If=200mA F=100MHz OHM (TYP) CARRIER LIFETIME If=10mA µSEC (TYP) TYPICAL THERMAL RESISTANCE °C/W SM0502 M1 500 0.50 0.70 0.55 1.0 35 SM0504 M1 500 0.60 0.60 0.45 1.5 20 SM0508 M1 500 0.90 0.40 0.25 2.0 15 SM0509 M1 500 1.20 0.35 0.20 2.5 15 SM0511 M1 500 1.25 0.30 0.15 3.0 15 SM0512 M1 500 1.50 0.25 0.12 3.5 15 SM0812 M1 700 1.30 0.40 0.25 4.0 15 SM1001 M1 700 1.30 0.35 0.20 4.5 15 SM1002 M1 50 1.20 .75 @50mA 0.20 4.0 15 SM1003 M1 35 1.2 @ 20V .50 @ 10mA 0.10 0.6 25 ABSOLUTE MAXIMUM RATINGS AT 2 5°C Peak Inverse Voltage (PIV): Same as VB Forward Current (IF): 1 AMP ( 1µS Pulse) Power Dissipation (PD): JC MAX J MAX J T θ β ) ( = Junction Temp. (Operating): -5 5°C to +150°C Storage Temp. (Non-Operating): -5 5°C to +150°C : TOC Case style M2 available as special option / some limitations apply / consult factory for details. M1 M2 INCHES INCHES DIM MIN MAX MIN MAX A 0.080 0.095 0.100 0.120 B 0.115 0.135 0.188 0.205 C 0.008 0.030 0.008 0.030 Non-magnetic packages are available upon request. |
Número de pieza similar - SM0512 |
|
Descripción similar - SM0512 |