Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA3664A Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA3664A
Descripción Electrónicos  Very low dropout voltage/quiescent current 5 V voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3664A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3664A Datasheet HTML 3Page - NXP Semiconductors TDA3664A Datasheet HTML 4Page - NXP Semiconductors TDA3664A Datasheet HTML 5Page - NXP Semiconductors TDA3664A Datasheet HTML 6Page - NXP Semiconductors TDA3664A Datasheet HTML 7Page - NXP Semiconductors TDA3664A Datasheet HTML 8Page - NXP Semiconductors TDA3664A Datasheet HTML 9Page - NXP Semiconductors TDA3664A Datasheet HTML 10Page - NXP Semiconductors TDA3664A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 Sep 01
7
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent
current 5 V voltage regulator
TDA3664
Example 1
The regulator is stabilized with an electrolytic output
capacitor of 68
µF (ESR = 0.5 Ω). At −40 °C, the capacitor
value is decreased to 22
µF and the ESR is increased to
3.5
Ω. The regulator will remain stable at a temperature of
−40 °C.
Example 2
The regulator is stabilized with an electrolytic output
capacitor of 10
µF (ESR = 3.3 Ω). At −40 °C, the capacitor
value is decreased to 3
µF and the ESR is increased to
20
Ω. The regulator will remain stable at a temperature of
−40 °C.
Example 3
The regulator is stabilized with a 100 nF MKT capacitor on
the output. Full stability is guaranteed when the output
current is over 200
µA.
Because the thermal influence on this capacitor value is
almost zero, the regulator will remain stable at a
temperature of
−40 °C.
Example 4
The regulator is stabilized with a 100 nF capacitor in
parallel with a electrolytic capacitor of 10
µF on the output.
The regulator is now stable under all conditions and
independent of:
• The ESR of the electrolytic capacitor
• The value of the electrolytic capacitor
• The output current.
APPLICATION CIRCUITS
The maximum output current of the regulator equals:
When Tamb =21 °C, the maximum output current equals
140 mA at VP =14 V.
I
o max
()
150
T
amb
R
th(j-a)
V
P
V
REG
()
×
------------------------------------------------------
150
T
amb
100
V
P
5
()
×
------------------------------------- (mA)
==
The total thermal resistance of the TDA3664 (SOT223
package) can be decreased to lower values when pin 4
and body of the package are soldered to the printed-circuit
board.
Application circuit with backup function
Sometimes, a backup function is needed to supply, for
example, a microprocessor for a short period of time when
the supply voltage spikes to 0 V (or even
−1 V).
This function can be easily built with the TDA3664 by using
a large output capacitor. When the supply voltage is 0 V
(or
−1 V), no large current will flow into the output pin out
of this large output capacitor (only a few
µA).
The application circuit is given in Fig.7.
Fig.7
Application circuit with backup functionality
(SOT223 version).
handbook, halfpage
MDA960
VP
13
2, 4
REG(3)
C1(1)
1
µF
C2(2)
TDA3664
(1) C1 is optional (to minimize supply noise only).
(2) C2
≤ 4700 µF.
(3) VREG =5V.


Número de pieza similar - TDA3664A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3664AT NXP-TDA3664AT Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
More results

Descripción similar - TDA3664A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3668AT PHILIPS-TDA3668AT Datasheet
84Kb / 16P
   Very low dropout voltage/quiescent current 5 V regulator with overvoltage switch off
2000 Feb 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com