Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA3668AT Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TDA3668AT
Descripción Electrónicos  Very low dropout voltage/quiescent current 5 V regulator with overvoltage switch off
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3668AT Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA3668AT Datasheet HTML 1Page - NXP Semiconductors TDA3668AT Datasheet HTML 2Page - NXP Semiconductors TDA3668AT Datasheet HTML 3Page - NXP Semiconductors TDA3668AT Datasheet HTML 4Page - NXP Semiconductors TDA3668AT Datasheet HTML 5Page - NXP Semiconductors TDA3668AT Datasheet HTML 6Page - NXP Semiconductors TDA3668AT Datasheet HTML 7Page - NXP Semiconductors TDA3668AT Datasheet HTML 8Page - NXP Semiconductors TDA3668AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2000 Feb 01
5
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
5 V regulator with overvoltage switch off
TDA3668AT
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured in test circuit of Fig.4; unless otherwise specified.
Notes
1. The regulator output will follow VP if VP <VREG +VREG(drop).
2. Limiting values as applicable for device type: VP ≤ 50 V and −40 °C ≤ Tamb ≤ +125 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply voltage: pin VP
VP
supply voltage
regulator operating; note 1
3
14.4
24
V
load dump; tf ≤ 50 ms; tr ≥ 2.5 ms
−−
50
V
overvoltage protection; regulator
switched off
24
28
V
Iq
quiescent current
VP = 4.5 V; IREG =0mA
10
−µA
VP = 14.4 V; IREG =0mA
15
30
µA
6V
≤ V
P ≤ 22 V; IREG =10mA
0.2
0.5
mA
6V
≤ V
P ≤ 22 V; IREG =50mA
1.4
2.5
mA
Regulator output: pin REG; note 2
VREG
output voltage
8 V
≤ VP ≤ 22 V; IREG = 0.5 mA
4.8
5.0
5.2
V
6V
≤ V
P ≤ 24 V; IREG = 0.5 mA;
Tamb ≤ 125 °C
4.75
5.0
5.25
V
0.5 mA
≤ IREG ≤ 100 mA;
Tamb ≤ 125 °C
4.75
5.0
5.25
V
VREG(drop)
dropout voltage
VP = 4.5 V; IREG = 50 mA;
Tamb ≤ 85 °C
0.18
0.3
V
VREG(stab)
long-term stability voltage
20
mV/1000 h
∆VREG(line) line input regulation voltage 8 V ≤ VP ≤ 22 V; IREG = 0.5 mA
130
mV
7V
≤ V
P ≤ 22 V; IREG = 0.5 mA;
Tamb ≤ 85 °C
150
mV
∆V
REG(load)
load output regulation
voltage
0.5 mA
≤ IREG ≤ 50 mA;
Tamb ≤ 125 °C
10
50
mV
SVRR
supply voltage ripple
rejection
fP(ripple) = 120 Hz; VP(ripple)(rms) =1V;
IREG = 0.5 mA
50
60
dB
IREG(crl)
current limit
VREG > 4.5 V
0.17
0.25
A
ILO(rp)
output leakage current at
reverse polarity
VP = −15 V; VREG ≤ 0.3 V
1
500
µA


Número de pieza similar - TDA3668AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3661AT PHILIPS-TDA3661AT Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3661T PHILIPS-TDA3661T Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3662AT PHILIPS-TDA3662AT Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
More results

Descripción similar - TDA3668AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3674 PHILIPS-TDA3674 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com