Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA3858 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA3858
Descripción Electrónicos  Quasi-split sound processor for all standards
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3858 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA3858 Datasheet HTML 5Page - NXP Semiconductors TDA3858 Datasheet HTML 6Page - NXP Semiconductors TDA3858 Datasheet HTML 7Page - NXP Semiconductors TDA3858 Datasheet HTML 8Page - NXP Semiconductors TDA3858 Datasheet HTML 9Page - NXP Semiconductors TDA3858 Datasheet HTML 10Page - NXP Semiconductors TDA3858 Datasheet HTML 11Page - NXP Semiconductors TDA3858 Datasheet HTML 12Page - NXP Semiconductors TDA3858 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
June 1994
9
Philips Semiconductors
Product specification
Quasi-split sound processor for all standards
TDA3858
Tracking Automatic Frequency Control (AFC) of the vision carrier reference circuit
V0 19
tracking output voltage (pin 19)
note 3
VP1 − 3.3
VP1 − 1V
FTR
tracking reducing factor for
black picture
9
white test picture
4
50% grey picture
6
S
AFC steepness (open loop) for
black picture
−−8
mV/kHz
white test picture
−−3
mV/kHz
50% grey picture
−−5.5
mV/kHz
FM1 and FM2 demodulators
Measurements with FM IF input signals of 5.5 MHz and 5.74 MHz with Vi IF (RMS) = 10 mV (fmod = 1 kHz, deviation
∆f = ±50 kHz) at pins 21 and 25 without ceramic filters, RS =50 Ω.
De-emphasis 50
µs and V6 = VP1 (B/G standard).
QL-factor = 11 for resonant circuits at pins 8-9 and 12-13 (including IC).
VIC(RMS)
intercarrier signals
(RMS values, pins 8-9 and 12-13)
100
mV
V
DC voltage (pins 8, 9, 12 and 13)
1.8
V
Vo(RMS)
AF output signals
(RMS values, pins 10 and 11)
0.84
0.95
1.07
V
∆V
o
difference of AF signals between
channels (pins 10 and 11)
note 4
−−
1dB
R10, 11
output resistance
75
100
130
V10, 11
DC voltage
1.8
2.1
2.4
V
I10, 11 (M)
allowed AC current of emitter output
(peak value)
note 5
−−
±1.5
mA
I10, 11
maximum allowed DC output current
−−
−2mA
THD
total harmonic distortion
0.5
1.0
%
Vo(RMS)
AF output signal (RMS value)
THD = 1.5%
1.25
−−
V
α
AM
AM suppression
1 kHz; m = 0.3
48
54
dB
S/N(W)
weighted signal-to-noise ratio
CCIR468-3
64
68
dB
B
AF bandwidth (
−3 dB)
lower limit
−−
20
Hz
upper limit
100
−−
kHz
α
CR
crosstalk attenuation (pins 10-11)
60
70
dB
V7
adjustment voltage for AF2
note 6
minimum output
signal
0
V
maximum output
signal
5
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Número de pieza similar - TDA3858

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
   TV IF amplifier and demodulator with TV-identification
January 1992
TDA3856 PHILIPS-TDA3856 Datasheet
152Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3856T PHILIPS-TDA3856T Datasheet
152Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
More results

Descripción similar - TDA3858

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3856 PHILIPS-TDA3856 Datasheet
152Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3866 PHILIPS-TDA3866 Datasheet
132Kb / 16P
   Quasi-split sound processor for all standards
January 1992
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
TDA3867T PHILIPS-TDA3867T Datasheet
113Kb / 14P
   Quasi-split sound processor with two FM demodulators
January 1992
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
logo
EPCOS
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3568M EPCOS-M3568M Datasheet
101Kb / 8P
   IF Filter for Quasi/Split Sound Applications
K3350K EPCOS-K3350K Datasheet
104Kb / 8P
   IF Filter for Quasi/Split Sound Applications
logo
List of Unclassifed Man...
TDA2556 ETC-TDA2556 Datasheet
269Kb / 6P
   QUASI SPLIT SOUND CIRCUIT WITH DUAL SOUND DEMODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com