Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZY7010L Datasheet(PDF) 9 Page - Power-One

No. de pieza ZY7010L
Descripción Electrónicos  10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-ONE [Power-One]
Página de inicio  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7010L Datasheet(HTML) 9 Page - Power-One

Back Button ZY7010L Datasheet HTML 5Page - Power-One ZY7010L Datasheet HTML 6Page - Power-One ZY7010L Datasheet HTML 7Page - Power-One ZY7010L Datasheet HTML 8Page - Power-One ZY7010L Datasheet HTML 9Page - Power-One ZY7010L Datasheet HTML 10Page - Power-One ZY7010L Datasheet HTML 11Page - Power-One ZY7010L Datasheet HTML 12Page - Power-One ZY7010L Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ZY7010L 10A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
55
60
65
70
75
80
85
90
95
34
56
78
9
10
11
12
Input Voltage, V
Vo=0.5V
Vo=1.2V
Vo=2.5V
Figure 6. Efficiency vs. Input Voltage. Iout=10A, Fsw=500kHz
89
90
91
92
93
94
95
96
01
23
4
5
6
78
9
10
Output Current, A
Fs=500kHz
Fs=750kHz
Fs=1000kHz
Figure 7. Efficiency vs. Load. Vin=3.3V, Vout=2.5V
65
70
75
80
85
01
23
45
67
89
10
Output Current, A
Fs=500kHz
Fs=750kHz
Fs=1000kHz
Figure 8. Efficiency vs. Load. Vin=5V, Vout=1.2V
72
74
76
78
80
82
84
86
88
90
92
01
23
4
5678
9
10
Output Current, A
Fs=500kHz
Fs=750kHz
Fs=1000kHz
Figure 9. Efficiency vs. Load. Vin=12V, Vout=5V
ZD-00422 REV. 2.2
www.power-one.com
Page 9 of 34


Número de pieza similar - ZY7010L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY7015HGQ1 POWER-ONE-ZY7015HGQ1 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY7015HGT1 POWER-ONE-ZY7015HGT1 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY7015HGT2 POWER-ONE-ZY7015HGT2 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY7015HGT3 POWER-ONE-ZY7015HGT3 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
More results

Descripción similar - ZY7010L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
   10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
logo
Bel Fuse Inc.
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
   DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com