Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA3867 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TDA3867
Descripción Electrónicos  Quasi-split sound processor with two FM demodulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3867 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA3867 Datasheet HTML 1Page - NXP Semiconductors TDA3867 Datasheet HTML 2Page - NXP Semiconductors TDA3867 Datasheet HTML 3Page - NXP Semiconductors TDA3867 Datasheet HTML 4Page - NXP Semiconductors TDA3867 Datasheet HTML 5Page - NXP Semiconductors TDA3867 Datasheet HTML 6Page - NXP Semiconductors TDA3867 Datasheet HTML 7Page - NXP Semiconductors TDA3867 Datasheet HTML 8Page - NXP Semiconductors TDA3867 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
January 1992
5
Philips Semiconductors
Preliminary specification
Quasi-split sound processor with two FM demodulators
TDA3867T
FUNCTIONAL DESCRIPTION
The quasi-split sound processor is
suitable for all FM standards
(e. g. B/G).
The AGC detector uses peak sync
level. Sound carrier SC1 (5.5 MHz)
provides AF1, sound carrier SC2
(5.74 MHz) provides AF2. With no
sound carrier SC2 on pin 22, AF2
output is muted. The mute circuit
prevents false signal recognition in
the stereo decoder at high IF signal
levels when no second sound carrier
exists (mono) and an AF signal is
present in the identification signal
frequency range.
With 1 mV on pin 22, under
measurement conditions, AF2 is
switched on (see limiting amplifier).
Weak input signals at pins 27 and 28
generate noise on pin 22, which is
present in the intercarrier signal and
passes through the 5.74 MHz filter.
Noise on pin 22 inhibits muting. No
misinterpretation due to white noise
occurs in the stereo decoder; when
non-correlated noise masks the
identification signal frequencies,
which may be present in sustained
tone signals. The stereo decoder
remains switched to mono.
The series capacitor Cs in the
38.9 MHz resonant circuit provides a
notch at the sound carrier frequency
in order to provide more attenuation
for the sound carrier in the vision
carrier reference channel. The ratio of
parallel/series capacitor depends on
the ratio of VC/SC frequency and has
to be adapted to other TV
transmission standards if necessary,
according to
The result is an improved “intercarrier
buzz” (up to 10 dB improvement in
sound channel 2 with 250 kHz video
modulation for B/G stereo) or
suppression of 350 kHz video
modulated beat frequency in the
digitally-modulated NICAM
subcarrier. The picture carrier for
quadrature demodulation in the
intercarrier mixer is not exactly
90 degrees due to the shift variation
in the integrated phase shift network.
The tuning of the LC reference circuit
to provide optimal video suppression
at the intercarrier output is not the
same as that to provide optimal
intercarrier buzz suppression. In
order to optimize the AF signal
performance, a fine tuning for the
optimal S/N at the sound channel 2
(from 5.74 MHz) may be performed
with a 250 kHz square wave video
modulation.
C
S
C
P fVC fSC
()
2
-C
P .
=
Measurements at the demodulators:
For all signal-to-noise measurements
the generator must meet the following
specifications;
phase modulation errors
< 0.5 degree
for B/W-jumps intercarrier
signal-to-noise ratio as measured
with “TV demodulator AMF2”
(weighted S/N)
must be
> 60 dB at 6 kHz sine wave
modulation of the B/W-signal.
Signal-to-noise ratios are measured
with
∆f= ± 50 kHz deviation and
fm = 1 kHz; with a deviation of
±27 kHz the S/N ratio is deteriorated
by 5.3 dB.


Número de pieza similar - TDA3867

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA38640 INFINEON-TDA38640 Datasheet
2Mb / 70P
   TDA38640 OptiMOS iPOL 40A Single-voltage Synchronous Buck Regulator with SVID and I2C
v2.4 2022-11-05
logo
NXP Semiconductors
TDA3866 PHILIPS-TDA3866 Datasheet
132Kb / 16P
   Quasi-split sound processor for all standards
January 1992
More results

Descripción similar - TDA3867

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
logo
List of Unclassifed Man...
TDA2556 ETC-TDA2556 Datasheet
269Kb / 6P
   QUASI SPLIT SOUND CIRCUIT WITH DUAL SOUND DEMODULATORS
logo
NXP Semiconductors
TDA3856 PHILIPS-TDA3856 Datasheet
152Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3858 PHILIPS-TDA3858 Datasheet
157Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3866 PHILIPS-TDA3866 Datasheet
132Kb / 16P
   Quasi-split sound processor for all standards
January 1992
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
   Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
logo
EPCOS
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
logo
TEMIC Semiconductors
U4488B TEMIC-U4488B Datasheet
272Kb / 9P
   Quasi-Split Sound Circuit and AM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com