Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA4662T Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA4662T
Descripción Electrónicos  Baseband delay line
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4662T Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4662T Datasheet HTML 1Page - NXP Semiconductors TDA4662T Datasheet HTML 2Page - NXP Semiconductors TDA4662T Datasheet HTML 3Page - NXP Semiconductors TDA4662T Datasheet HTML 4Page - NXP Semiconductors TDA4662T Datasheet HTML 5Page - NXP Semiconductors TDA4662T Datasheet HTML 6Page - NXP Semiconductors TDA4662T Datasheet HTML 7Page - NXP Semiconductors TDA4662T Datasheet HTML 8Page - NXP Semiconductors TDA4662T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1996 Nov 14
2
Philips Semiconductors
Product specification
Baseband delay line
TDA4662
FEATURES
• Two comb filters, using the switched-capacitor
technique, for one line delay time (64
µs)
• For PAL and NTSC
• Adjustment-free application
• Handles negative or positive colour-difference input
signals
• Clamping of AC-coupled input signals [±(R−Y) and
±(B−Y)]
• VCO without external components
• 3 MHz internal clock signal derived from a 6 MHz CCO,
line-locked by the sandcastle pulse (64
µs line)
• Sample-and-hold circuits and low-pass filters to
suppress the 3 MHz clock signal
• Addition of delayed and non-delayed output signals
• Output buffer amplifiers
• Comb filtering functions for NTSC colour-difference
signals to suppress cross-colour.
GENERAL DESCRIPTION
The TDA4662 is an integrated baseband delay line circuit
with one line delay. It is suitable for PAL and NTSC
decoders with colour-difference signal outputs
±(R−Y) and
±(B−Y).
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP1
analog supply voltage (pin 9)
4.5
5
6
V
VP2
digital supply voltage (pin 1)
4.5
5
6
V
IP(tot)
total supply current
5.5
7.0
mA
Vi(p-p)
±(R−Y) input signal PAL/NTSC (peak-to-peak value; pin 16) −
525
mV
±(B−Y) input signal PAL/NTSC (peak-to-peak value; pin 14) −
665
mV
Gv
voltage gain VO/VI of colour-difference output signals
V11/V16 for PAL and NTSC
5.3
5.8
6.3
dB
V12/V14 for PAL and NTSC
5.3
5.8
6.3
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4662
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
TDA4662T
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1


Número de pieza similar - TDA4662T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4660T PHILIPS-TDA4660T Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4661 PHILIPS-TDA4661 Datasheet
56Kb / 6P
   Baseband delay line
December 1994
TDA4661T PHILIPS-TDA4661T Datasheet
56Kb / 6P
   Baseband delay line
December 1994
TDA4663 PHILIPS-TDA4663 Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
More results

Descripción similar - TDA4662T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA4661 PHILIPS-TDA4661 Datasheet
56Kb / 6P
   Baseband delay line
December 1994
logo
Integral Corp.
ILA4661 INTEGRAL-ILA4661 Datasheet
107Kb / 2P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4663T PHILIPS-TDA4663T Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
logo
TEMIC Semiconductors
U3661M TEMIC-U3661M Datasheet
138Kb / 9P
   Baseband Delay Line
logo
NXP Semiconductors
TDA4665 PHILIPS-TDA4665 Datasheet
114Kb / 12P
   Baseband delay line
1996 Dec 17
logo
KODENSHI_AUK CORP.
KKA4661 KODENSHI-KKA4661 Datasheet
74Kb / 3P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
logo
TEMIC Semiconductors
U3660M TEMIC-U3660M Datasheet
77Kb / 7P
   Baseband Delay Line (64 Us)
logo
Sony Corporation
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
   CMOS-CCD Baseband 1H Delay Line
logo
TEMIC Semiconductors
U3665M TEMIC-U3665M Datasheet
131Kb / 9P
   Baseband Delay Line 64 us (Improved Version)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com