Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA4680 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA4680
Descripción Electrónicos  Video processor with automatic cut-off and white level control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4680 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA4680 Datasheet HTML 7Page - NXP Semiconductors TDA4680 Datasheet HTML 8Page - NXP Semiconductors TDA4680 Datasheet HTML 9Page - NXP Semiconductors TDA4680 Datasheet HTML 10Page - NXP Semiconductors TDA4680 Datasheet HTML 11Page - NXP Semiconductors TDA4680 Datasheet HTML 12Page - NXP Semiconductors TDA4680 Datasheet HTML 13Page - NXP Semiconductors TDA4680 Datasheet HTML 14Page - NXP Semiconductors TDA4680 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1996 Oct 25
11
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4680
Table 4
2-bit white level error signals; bits CX1 and CX0
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
CX1
CX0
INTERPRETATION
0
0
RAR (Reset-After-Read): no new measurements since last read
1
0
actual (measured) white level less than the tolerance range
1
1
actual (measured) white level within the tolerance range
0
1
actual (measured) white level greater than the tolerance range
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 5)
8.8
V
Vi
input voltage (pins 1 to 8, 10 to 13, 16, 21, 23 and 25)
−0.1
+VP
V
input voltage (pins 14, 15, 18 and 19)
−0.7
VP + 0.7
V
input voltage (pins 27 and 28)
−0.1
+8.8
V
Iav
average current (pins 20, 22 and 24)
+4
−10
mA
IM
peak current (pins 20, 22 and 24)
+4
−20
mA
I18
input current
0
2
mA
I26
output current
+0.5
−8mA
Tstg
storage temperature
−20
+150
°C
Tamb
operating ambient temperature
0
70
°C
Ptot
total power dissipation
SOT117-1
1.2
W
SOT261-2
1.0
W


Número de pieza similar - TDA4680

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA4681 PHILIPS-TDA4681 Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4681WP PHILIPS-TDA4681WP Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4686WP PHILIPS-TDA4686WP Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
More results

Descripción similar - TDA4680

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA4681 PHILIPS-TDA4681 Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4688 PHILIPS-TDA4688 Datasheet
130Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4689 PHILIPS-TDA4689 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jul 01
TDA4780 PHILIPS-TDA4780 Datasheet
321Kb / 44P
   RGB video processor with automatic cut-off control and gamma adjust
1997 Feb 06
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com