Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA4780 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDA4780
Descripción Electrónicos  RGB video processor with automatic cut-off control and gamma adjust
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4780 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA4780 Datasheet HTML 1Page - NXP Semiconductors TDA4780 Datasheet HTML 2Page - NXP Semiconductors TDA4780 Datasheet HTML 3Page - NXP Semiconductors TDA4780 Datasheet HTML 4Page - NXP Semiconductors TDA4780 Datasheet HTML 5Page - NXP Semiconductors TDA4780 Datasheet HTML 6Page - NXP Semiconductors TDA4780 Datasheet HTML 7Page - NXP Semiconductors TDA4780 Datasheet HTML 8Page - NXP Semiconductors TDA4780 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1997 Feb 06
3
Philips Semiconductors
Preliminary specification
RGB video processor with automatic
cut-off control and gamma adjust
TDA4780
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 5)
7.2
8.0
8.8
V
IP
supply current (pin 5)
80
100
120
mA
V8(p-p)
luminance input (peak-to-peak value) (C)VBS
0.45/1.43
V
V6(p-p)
−(B − Y) input (peak-to-peak value)
1.33
V
V7(p-p)
−(R − Y) input (peak-to-peak value)
1.05
V
V14
three-level sandcastle pulse
H+V
2.5
V
H
4.5
V
BK
8.0
V
two-level sandcastle pulse
H+V
2.5
V
BK
4.5
V
Vi
RGB input signals at pins 2, 3, 4, 10, 11 and 12 (black-to-white value)
0.7
V
Vo(p-p)
RGB output at pins 24, 22 and 20 (black-to-white value)
2.0
V
Tamb
operating ambient temperature
−20
+70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4780
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1


Número de pieza similar - TDA4780

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TDA4700 SIEMENS-TDA4700 Datasheet
436Kb / 21P
   Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
TDA4700A SIEMENS-TDA4700A Datasheet
436Kb / 21P
   Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
TDA4714C SIEMENS-TDA4714C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
TDA4716C SIEMENS-TDA4716C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
TDA4718 SIEMENS-TDA4718 Datasheet
436Kb / 21P
   Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
More results

Descripción similar - TDA4780

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4688 PHILIPS-TDA4688 Datasheet
130Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4689 PHILIPS-TDA4689 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jul 01
TDA4680 PHILIPS-TDA4680 Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
TDA4681 PHILIPS-TDA4681 Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com