Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD1143 Datasheet(PDF) 1 Page - Advanced Power Technology

No. de pieza SD1143
Descripción Electrónicos  RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADPOW [Advanced Power Technology]
Página de inicio  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

SD1143 Datasheet(HTML) 1 Page - Advanced Power Technology

  SD1143 Datasheet HTML 1Page - Advanced Power Technology SD1143 Datasheet HTML 2Page - Advanced Power Technology SD1143 Datasheet HTML 3Page - Advanced Power Technology SD1143 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD1143
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
The SD1143 is a 12.2 V Class C epitaxial silicon NPN planar
transistor designed primarily for VHF Communications. It
withstands very high VSWR under operating conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
18
V
VCES
Collector-Emitter Voltage
36
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
2.0
A
PDISS
Power Dissipation
20
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
THERMAL DATA
RTH(j-c)
Junction-Case Thermal Resistance
8.75
°°C/W
Features
Features
• 175 MHz
• 12.5 Volts
• Common Emitter
POUT = 10 W Min.
• G
P = 10 dB Gain
RF AND MICROWAVE TRANSISTORS
VHF MOBILE APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Número de pieza similar - SD1143

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
SD1143 MICROSEMI-SD1143 Datasheet
173Kb / 4P
   RF & MICROWAVE TRANSISTORS
logo
Advanced Semiconductor
SD1143 ASI-SD1143 Datasheet
86Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
logo
Advanced Power Technolo...
SD1143-01 ADPOW-SD1143-01 Datasheet
106Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
More results

Descripción similar - SD1143

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Power Technolo...
MS1504 ADPOW-MS1504 Datasheet
97Kb / 3P
   RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1506 ADPOW-MS1506 Datasheet
88Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1014-06 ADPOW-SD1014-06 Datasheet
119Kb / 4P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
logo
STMicroelectronics
SD1274 STMICROELECTRONICS-SD1274 Datasheet
57Kb / 4P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1275 STMICROELECTRONICS-SD1275 Datasheet
56Kb / 4P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
logo
Advanced Power Technolo...
MS1337 ADPOW-MS1337 Datasheet
108Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1003 ADPOW-MS1003 Datasheet
97Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1261 ADPOW-MS1261 Datasheet
97Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
logo
STMicroelectronics
SD1477 STMICROELECTRONICS-SD1477 Datasheet
64Kb / 6P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
November 1992
logo
Advanced Power Technolo...
MS1505 ADPOW-MS1505 Datasheet
115Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com