Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8421-C-IS Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza SI8421-C-IS
Descripción Electrónicos  SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8421-C-IS Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI8421-C-IS Datasheet HTML 6Page - Silicon Laboratories SI8421-C-IS Datasheet HTML 7Page - Silicon Laboratories SI8421-C-IS Datasheet HTML 8Page - Silicon Laboratories SI8421-C-IS Datasheet HTML 9Page - Silicon Laboratories SI8421-C-IS Datasheet HTML 10Page - Silicon Laboratories SI8421-C-IS Datasheet HTML 11Page - Silicon Laboratories SI8421-C-IS Datasheet HTML 12Page - Silicon Laboratories SI8421-C-IS Datasheet HTML 13Page - Silicon Laboratories SI8421-C-IS Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Si8410/20/21
10
Preliminary Rev. 0.1
Table 3. Electrical Characteristics
(VDD1 =2.5 V, VDD2 =2.5 V, TA = –40 to 100 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
VDD1,VDD2 –0.4
2.3
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
IL
——
±10
µA
DC Supply Current (All inputs 0 V or at supply)
Si8410-A,-B,-C, VDD1
All inputs 0 DC
5
7
mA
Si8410-A,-B,-C, VDD2
All inputs 0 DC
2
3
mA
Si8410-A,-B,-C, VDD1
All inputs 1 DC
7
9
mA
Si8410-A,-B,-C, VDD2
All inputs 1 DC
2
3
mA
Si8420-A,-B,-C, VDD1
All inputs 0 DC
6
7
mA
Si8420-A,-B,-C, VDD2
All inputs 0 DC
4
5
mA
Si8420-A,-B,-C, VDD1
All inputs 1 DC
9
11
mA
Si8420-A,-B,-C, VDD2
All inputs 1 DC
3
5
mA
Si8421-A,-B,-C, VDD1
All inputs 0 DC
7
9
mA
Si8421-A,-B,-C, VDD2
All inputs 0 DC
7
9
mA
Si8421-A,-B,-C, VDD1
All inputs 1 DC
8
10
mA
Si8421-A,-B,-C, VDD2
All inputs 1 DC
8
10
mA
10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8410-B,-C, VDD1
—6
8
mA
Si8410-B,-C, VDD2
—3
5
mA
Si8420-B,-C, VDD1
—7
9
mA
Si8420-B,-C, VDD2
—6
8
mA
Si8421-B,-C, VDD1
—8
11
mA
Si8421-B,-C, VDD2
—8
11
mA
100 Mbps Supply Current (All inputs = 50 MHz square wave, CI = 15 pF on all outputs)
Si8410-C, VDD1
—6
8
mA
Si8410-C, VDD2
—7
10
mA
Si8420-C, VDD1
—7
9
mA
Si8420-C, VDD2
—12
15
mA
Si8421-C, VDD1
—12
15
mA
Si8421-C, VDD2
—12
15
mA


Número de pieza similar - SI8421-C-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI8421 ETC2-SI8421 Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8421 SKYWORKS-SI8421 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
SI8421AB-C-IS SKYWORKS-SI8421AB-C-IS Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
SI8421AB-D-IS SKYWORKS-SI8421AB-D-IS Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
More results

Descripción similar - SI8421-C-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com