Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7040T Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA7040T
Descripción Electrónicos  Low voltage PLL stereo decoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7040T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA7040T Datasheet HTML 3Page - NXP Semiconductors TDA7040T Datasheet HTML 4Page - NXP Semiconductors TDA7040T Datasheet HTML 5Page - NXP Semiconductors TDA7040T Datasheet HTML 6Page - NXP Semiconductors TDA7040T Datasheet HTML 7Page - NXP Semiconductors TDA7040T Datasheet HTML 8Page - NXP Semiconductors TDA7040T Datasheet HTML 9Page - NXP Semiconductors TDA7040T Datasheet HTML 10Page - NXP Semiconductors TDA7040T Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
September 1986
9
Philips Semiconductors
Product specification
Low voltage PLL stereo decoder
TDA7040T
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.2
5.8
1.05
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
1.0
0.4
SOT96-1
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
4
5
pin 1 index
1
8
y
076E03S
MS-012AA
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.050
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.01
0.041
0.004
0.039
0.016
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
95-02-04
97-05-22


Número de pieza similar - TDA7040T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA7000 PHILIPS-TDA7000 Datasheet
227Kb / 10P
   FM radio circuit
May 1992
TDA7010 PHILIPS-TDA7010 Datasheet
182Kb / 11P
   FM radio circuit
September 1983
TDA7010T PHILIPS-TDA7010T Datasheet
182Kb / 11P
   FM radio circuit
September 1983
logo
List of Unclassifed Man...
TDA7020T ETC1-TDA7020T Datasheet
252Kb / 6P
   FM RADIO CIRCUIT
logo
NXP Semiconductors
TDA7021 PHILIPS-TDA7021 Datasheet
145Kb / 13P
   FM radio circuit for MTS
May 1992
More results

Descripción similar - TDA7040T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
logo
List of Unclassifed Man...
TCA4511-2 ETC1-TCA4511-2 Datasheet
275Kb / 9P
   PLL Stereo decoder
logo
NXP Semiconductors
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
TDA1005A PHILIPS-TDA1005A Datasheet
872Kb / 19P
   FREQUENCY MULTIPLEX PLL STEREO DECODER
fEBRUARY 1980
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1206 NTE-NTE1206 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com