Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM1-PPG1-01-N1 Datasheet(PDF) 3 Page - Cree, Inc

No. de pieza LM1-PPG1-01-N1
Descripción Electrónicos  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-PPG1-01-N1 Datasheet(HTML) 3 Page - Cree, Inc

  LM1-PPG1-01-N1 Datasheet HTML 1Page - Cree, Inc LM1-PPG1-01-N1 Datasheet HTML 2Page - Cree, Inc LM1-PPG1-01-N1 Datasheet HTML 3Page - Cree, Inc LM1-PPG1-01-N1 Datasheet HTML 4Page - Cree, Inc LM1-PPG1-01-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT47.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
4/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LM1-PPG1-01-N1
Rev. No.
02
G
Grraapphhss
If (mA)
0.0
-10.0
-30.0
-20.0
-50.0
-40.0
Ir(uA)
Ie(%)
80%
20%
40%
60%
100%
0
90 0%
60
30
0
-30
Vr(V)
Vf(V)
5.0
4.6
3.4
3.8
4.2
100.0
80.0
20.0 40.0 60.0
If(mA)
80.0
40.0
60.0
3.0
0.0
20.0
5.0
4.0
2.0
0.0
0.0
1.0
3.0
FIG.1 FORWARD CURRENT VS.
FORWARD VOLTAGE.
-90
FORWARD CURRENT
IF(mA)
20
FIG.5 MAXIMUM FORWARD DC CURRENT VS
TEMPERATURE. DERATING BASED ON Tjmax=110 C
0
40
20
10
0
30
50
100
60
80
40
T ( C)
Rth j-s=300 C/W
Rth j-a=450 C/W
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
FIG.2 REVERSE CURRENT VS.
REVERSE VOLTAGE.
FIG.6 FAR FIELD PATTERN
-60
50% Power Angle :
25%
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH.
0%
300
400
WL(nm)
600
500
700
Domi WL= 527nm
Half Power WL=38nm
100%
75%
50%
-50
-40
0
-10
-30
-20
100.0
Items
Signatures
Date
Revision History
Prepared by
Meiliping
2005-07-27
Rev.No
Date
Change Description
Checked by
XieJH
2005-07-27
02
2005-07-27 Release.
Approved by
DavidLiu
2005-07-27
FCN#
FCN20050260
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


Número de pieza similar - LM1-PPG1-01-N1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
LM1-PPG1-01-N1 MARKTECH-LM1-PPG1-01-N1 Datasheet
57Kb / 2P
   Ultra Bright Green TOPLED LED
More results

Descripción similar - LM1-PPG1-01-N1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com