Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3066 Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza SI3066
Descripción Electrónicos  V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3066 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI3066 Datasheet HTML 6Page - Silicon Laboratories SI3066 Datasheet HTML 7Page - Silicon Laboratories SI3066 Datasheet HTML 8Page - Silicon Laboratories SI3066 Datasheet HTML 9Page - Silicon Laboratories SI3066 Datasheet HTML 10Page - Silicon Laboratories SI3066 Datasheet HTML 11Page - Silicon Laboratories SI3066 Datasheet HTML 12Page - Silicon Laboratories SI3066 Datasheet HTML 13Page - Silicon Laboratories SI3066 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Si3066
10
Rev. 1.0
4. Telephone Line Interface
Functional Description
Together, the integrated system-side and Si3066
comprise an integrated direct access arrangement
(DAA) that provides a programmable line interface to
meet the telephone line interface requirements of
countries worldwide. The device implements Silicon
Laboratories’ patented isolation technology, which offers
the highest level of integration by replacing an analog
front end (AFE), an isolation transformer, relays, opto-
isolators, a 2- to 4-wire hybrid, and other circuitry.
The Si3066 can be fully programmed to meet
international requirements and is compliant with FCC,
JATE, and numerous other country-specific PTT
specifications as shown in Table 5. Also, the Si3066
meets the most stringent requirements for out-of-band
energy, emissions, immunity, lightning surges, and
safety.
4.1. Initialization
The following is an example initialization procedure:
1. Select the desired sample rate using the SRC bits
(Register 7, bits 3:0).
2. Power up the line side by clearing the PDL bit
(Register 6, bit 4).
3. Enable AOUT (if applicable) by setting ARM[7:0]
(Register 20, bits 7:0) and ATM[7:0] (Register 21,
bits 7:0) to the desired level.
4. Prior to receiving or transmitting data, ensure FDT
(Register 12) is set indicating the Si3066 is ready for
normal operation.
After the procedure is complete, the DAA is ready for
off-hook, on-hook line monitoring, and ring detection.
4.2. Isolation Barrier
The Si3066 achieves an isolation barrier through low-
cost, high-voltage capacitors in conjunction with Silicon
Laboratories’ proprietary signal processing techniques.
These techniques eliminate signal degradation from
capacitor mismatches, common mode interference, or
noise coupling. The C1, C2, C8, and C9 capacitors
isolate the system-side device from the Si3066 line-side
device. All transmit, receive, control, ring detect, and
caller ID data are communicated through this barrier. Y2
class capacitors can be used to achieve surge
performance of 6 kV or greater.
The isolated communications link is disabled by default.
To enable it, the PDL bit (Register 6, bit 4) must be
cleared. No communication between the system-side
and Si3066 can occur until this bit is cleared and the
FDT bit (Register 12, bit 6) is high.
4.3. Parallel Handset Detection
The Si3066 can detect a parallel handset going off-
hook. When the DAA is off-hook, the loop current can
be monitored via the LCS bits (Register 12, bits 4:0). A
significant drop in loop current can signal a parallel
handset going off-hook. If a parallel handset causes the
LCS bits to read 0s, the DropOut Detect Interrupt bit
(Register 4, bit 3) can be checked to verify that a valid
line still exists.
For the Si3066 to operate in parallel with another
handset, the parallel handset must have a sufficiently
high dc termination impedance to support two DAAs off
hook on the same line.
Table 5. Country-Specific PTT Specifications
Country
Argentina
Kyrgyzstan
Armenia
Macao
Bahamas
Mexico
Bangladesh
Moldova
Belarus
New Zealand2
Bermuda
Paraguay
Brazil
Peru
Brunei
Puerto Rico
Canada
Russia
Caribbean
Saudi Arabia
Chile
Singapore
China
South Korea3
Colombia
Sri Lanka
Costa Rica
Taiwan
Dominican Republic
Thailand
Ecuador
Tunisia
El Salvador
UAE
Georgia
Ukraine
Guam
Uruguay
Hong Kong
Uzbekistan
India
USA
Indonesia
Venezuela
Japan1
Vietnam
Kazakhstan
Yemen
Kuwait
Notes:
1. DCR exceeds 300
Ω; disclaimer required in
product documentation.
2. 600
Ω ac termination used; disclaimer required in
product documentation.
3. Additional components required to pass ringer
impedance specifications.


Número de pieza similar - SI3066

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI3060 ETC1-SI3060 Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FS ETC1-SI3060-X-FS Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FSR ETC1-SI3060-X-FSR Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FT ETC1-SI3060-X-FT Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FTR ETC1-SI3060-X-FTR Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
More results

Descripción similar - SI3066

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com