Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8008HL Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TDA8008HL
Descripción Electrónicos  Dual multiprotocol smart card coupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8008HL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8008HL Datasheet HTML 2Page - NXP Semiconductors TDA8008HL Datasheet HTML 3Page - NXP Semiconductors TDA8008HL Datasheet HTML 4Page - NXP Semiconductors TDA8008HL Datasheet HTML 5Page - NXP Semiconductors TDA8008HL Datasheet HTML 6Page - NXP Semiconductors TDA8008HL Datasheet HTML 7Page - NXP Semiconductors TDA8008HL Datasheet HTML 8Page - NXP Semiconductors TDA8008HL Datasheet HTML 9Page - NXP Semiconductors TDA8008HL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Dec 14
6
Philips Semiconductors
Objective specification
Dual multiprotocol smart card coupler
TDA8008
TEST
36
test pin (must be left open-circuit in the application)
IOAUX
37
input or output for an I/O line issued on an auxiliary smart card interface
CS
38
chip select input (active LOW)
RSTOUT
39
open-drain output for resetting external chips
n.c.
40
not connected
P30/RXD
41
8xC51 general purpose I/O port/serial input port
P31/TXD
42
8xC51 general purpose I/O port/serial output port
P32/INT0
43
8xC51 general purpose I/O port/external interrupt 0
P33/INT1
44
8xC51 general purpose I/O port/external interrupt 1
P34/T0
45
8xC51 general purpose I/O port/Timer 0 external input
P35/T1
46
8xC51 general purpose I/O port/Timer 1 external input
P36/WR
47
8xC51 general purpose I/O port/external data memory write strobe
P37/RD
48
8xC51 general purpose I/O port/external data memory read strobe
XTAL2
49
connection pin for an external crystal (output from the inverting oscillator amplifier)
XTAL1
50
connection pin for an external crystal, or input for an external clock signal (input to the
inverting oscillator amplifier and input to the internal clock generator circuits)
VDDD
51
digital supply voltage
GNDD
52
digital ground
P20/A8
53
8xC51 general purpose I/O port/address 8
P21/A9
54
8xC51 general purpose I/O port/address 9
P22/A10
55
8xC51 general purpose I/O port/address 10
P23/A11
56
8xC51 general purpose I/O port/address 11
P24/A12
57
8xC51 general purpose I/O port/address 12
n.c.
58
not connected
n.c.
59
not connected
P25/A13
60
8xC51 general purpose I/O port/address 13
P26/A14
61
8xC51 general purpose I/O port/address 14
P27/A15
62
8xC51 general purpose I/O port/address 15
PSEN
63
Program store enable output: this is the read strobe to the external program memory. When
executing code from the external program memory, PSEN is activated twice each machine
cycle, except that two PSEN activations are skipped during each access to external data
memory. PSEN is not activated during fetches from internal program memory.
ALE/PROG
64
Address latch enable/program pulse: this is the output pulse for latching the low byte of the
address during an access to external memory. In normal operation, ALE pulses are emitted at
a constant rate of 1
6 of the oscillator frequency and can be used for external timing or
clocking. It should be noted that one ALE pulse is skipped during each access to external data
memory. This pin is also the program pulse input (PROG) during EPROM programming. ALE
can be disabled by setting bit SFR Auxiliary 0. With this bit set, ALE will be active only during
a MOVX instruction.
SYMBOL
PIN
DESCRIPTION


Número de pieza similar - TDA8008HL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8000 PHILIPS-TDA8000 Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8000T PHILIPS-TDA8000T Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001 PHILIPS-TDA8001 Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001A PHILIPS-TDA8001A Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001AT PHILIPS-TDA8001AT Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
More results

Descripción similar - TDA8008HL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
NXP Semiconductors
TDA8006 PHILIPS-TDA8006 Datasheet
166Kb / 40P
   Multiprotocol IC Card coupler
2000 Feb 21
logo
Maxim Integrated Produc...
DS8007 MAXIM-DS8007_11 Datasheet
331Kb / 41P
   Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
NXP Semiconductors
TDA8005 PHILIPS-TDA8005 Datasheet
198Kb / 32P
   Low-power smart card coupler
1996 Sep 25
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
TDA8005A PHILIPS-TDA8005A Datasheet
159Kb / 36P
   Low-power 3 V/5 V smart card coupler
1998 Mar 20
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
logo
NXP Semiconductors
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
   Double multiprotocol IC card interface
2000 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com