Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2506 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2506
Descripción Electrónicos  Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2506 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2506 Datasheet HTML 3Page - National Semiconductor (TI) LM2506 Datasheet HTML 4Page - National Semiconductor (TI) LM2506 Datasheet HTML 5Page - National Semiconductor (TI) LM2506 Datasheet HTML 6Page - National Semiconductor (TI) LM2506 Datasheet HTML 7Page - National Semiconductor (TI) LM2506 Datasheet HTML 8Page - National Semiconductor (TI) LM2506 Datasheet HTML 9Page - National Semiconductor (TI) LM2506 Datasheet HTML 10Page - National Semiconductor (TI) LM2506 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Timing Diagrams (Continued)
Functional Description
BUS OVERVIEW
The LM2506 is a dual link SER/DES configurable part that
supports an 18-bit RGB Display interface. The MPL physical
layer is purpose-built for an extremely low power and low
EMI data transmission while requiring the fewest number of
signal lines. No external line components are required, as
termination is provided internal to the MPL receiver. A maxi-
mum raw throughput of 320 Mbps (raw) is possible with this
chipset. When the protocol overhead is taken into account, a
maximum data throughput of 240 Mbps is possible. The MPL
interface is designed for use with common 50
Ω to 100Ω lines
using standard materials and connectors. Lines may be
microstrip or stripline construction. Total length of the inter-
connect is expected to be less than 20cm.
SERIAL BUS TIMING
Data valid is relative to both edges for a RGB transaction as
shown in Figure 6. Data valid is specified as: Data Valid
before Clock, Data Valid after Clock, and Skew between
data lines should be less than 500ps.
SERIAL BUS PHASES
There are three bus phases on the MPL serial bus. These
are determined by the state of the MC and MD lines. The
MPL bus phases are shown in Table 1.
The LM2506 supports MPL Level 0 Enhanced Protocol with
a Class 0 PHY.
TABLE 1. Link Phases
Name
MC State
MDn State
Phase Description
Pre-Phase
Post-Phase
OFF (O)
0
0
Link is Off
A, I or LU
LU
ACTIVE (A)
A
X
Data Out
LU, A, or I
A, I, or O
LINK-UP (LU)
H
-
SER initiated Link-Up
O
A, I, or O
Notes on MC/MD Line State:
0 = no current (off)
L = Logic Low — The higher level of current on the MC and MD lines
H = Logic High — The lower level of current on the MC and MD lines
X = Low or High
A = Active Clock
SERIAL BUS START UP TIMING
In the Serial Bus OFF phase, SER transmitters for MD0,
MD1 and MC are turned off such that zero current flows over
the MPL lines. In addition, both the SER and the DES are
internally held in a low power state. When the PD* input pins
are de-asserted (driven High) the SER enables its PLL and
waits for enough time to pass for its PLL to lock. After the
SER’s PLL is locked (t0 = 4,096 PCLK Cycles), the SER will
perform an MPL start up sequence. The DES will power up
and await the start up sequence from the SER once its PD*
input is driven High.
20125530
FIGURE 4. Stop Clock Power Up (SER)
20125502
FIGURE 5. MPL Point-to-Point Bus
20125503
FIGURE 6. Dual Link Timing (WRITE)
www.national.com
7


Número de pieza similar - LM2506

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2506 TI1-LM2506 Datasheet
1Mb / 25P
[Old version datasheet]   Low Power Mobile Pixel Link
logo
National Semiconductor ...
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25061PMM-1 NSC-LM25061PMM-1 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061PMM-1/NOPB TI1-LM25061PMM-1/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
More results

Descripción similar - LM2506

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
[Old version datasheet]   LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com