Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8315 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TDA8315
Descripción Electrónicos  Integrated NTSC decoder and sync processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8315 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8315 Datasheet HTML 1Page - NXP Semiconductors TDA8315 Datasheet HTML 2Page - NXP Semiconductors TDA8315 Datasheet HTML 3Page - NXP Semiconductors TDA8315 Datasheet HTML 4Page - NXP Semiconductors TDA8315 Datasheet HTML 5Page - NXP Semiconductors TDA8315 Datasheet HTML 6Page - NXP Semiconductors TDA8315 Datasheet HTML 7Page - NXP Semiconductors TDA8315 Datasheet HTML 8Page - NXP Semiconductors TDA8315 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
September 1994
5
Philips Semiconductors
Preliminary specification
Integrated NTSC decoder
and sync processor
TDA8315T
FUNCTIONAL DESCRIPTION
CVBS or Y/C input
The TDA8315T has a video input which can be switched
to CVBS (with internal chrominance bandpass and trap
filters) and to Y/C (without chrominance bandpass and
trap filters). The switching between CVBS and Y/C is
achieved by the DC level of the CHROMA input (pin 15).
Integrated video filters
The circuit contains a chrominance bandpass and trap
circuit. The filters are realised by gyrator circuits that are
automatically tuned by comparing the tuning frequency
with the crystal frequency of the decoder. The
chrominance trap can be switched off by the DC level of
the CHROMA input.
The luminance delay line is also realised by gyrator
circuits.
Colour decoder
The colour decoder contains an alignment-free crystal
oscillator, a colour killer circuit and colour difference
demodulators. The gain of the two colour difference signal
demodulators is identical and the phase angle of the
reference carrier signals is 90
°. This phase shift is
achieved internally. It is possible to switch the demodulator
angle to 110
° by an internal matrix circuit. The switching is
obtained externally via pin 8.
Synchronization circuit
The sync separator is preceded by a voltage controlled
amplifier which adjusts the sync pulse amplitude to a fixed
level. The sync pulses are then fed to the slicing stage
(separator) which operates at 50% of the amplitude.
The separated sync pulses are fed to the first phase
detector and to the coincidence detector. The coincidence
detector is used to detect whether the line oscillator is
synchronized. The PLL has a very high static steepness,
this ensures that the phase of the picture is independent of
the line frequency. The line oscillator operates at twice the
line frequency.
The oscillator network is internal. Because of the spread of
internal components an automatic adjustment circuit has
been added to the IC.
The circuit compares the oscillator frequency with that of
the crystal oscillator in the colour decoder. This results in
a free-running frequency which deviates less than 2% from
the typical value.
The horizontal output pulse is derived from the horizontal
oscillator via a pulse shaper. The pulse width of the output
pulse is 5.4
µs, the front edge of this pulse coincides with
the front edge of the sync pulse at the input.
The vertical output pulse is generated by a count-down
circuit. The pulse width is approximately 380
µs. Both the
horizontal and vertical pulses will always be available at
the outputs even when no input signal is available.


Número de pieza similar - TDA8315

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8310 PHILIPS-TDA8310 Datasheet
92Kb / 24P
   PAL/NTSC colour processor for PIP applications
February 1995
TDA8310A PHILIPS-TDA8310A Datasheet
129Kb / 24P
   PAL/NTSC colour processor for PIP applications
1996 Jan 25
More results

Descripción similar - TDA8315

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NTE Electronics
NTE1890 NTE-NTE1890 Datasheet
43Kb / 6P
   Integrated Circuit NTSC Decoder for TV
logo
NXP Semiconductors
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
   NTSC DECODER
October 1979
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
   NTSC DECODER
December 1982
TDA9144 PHILIPS-TDA9144 Datasheet
309Kb / 44P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
1996 Jan 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com