Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8351A Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA8351A
Descripción Electrónicos  DC-coupled vertical deflection output circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8351A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8351A Datasheet HTML 7Page - NXP Semiconductors TDA8351A Datasheet HTML 8Page - NXP Semiconductors TDA8351A Datasheet HTML 9Page - NXP Semiconductors TDA8351A Datasheet HTML 10Page - NXP Semiconductors TDA8351A Datasheet HTML 11Page - NXP Semiconductors TDA8351A Datasheet HTML 12Page - NXP Semiconductors TDA8351A Datasheet HTML 13Page - NXP Semiconductors TDA8351A Datasheet HTML 14Page - NXP Semiconductors TDA8351A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1999 Sep 27
11
Philips Semiconductors
Product specification
DC-coupled vertical deflection output
circuit
TDA8351AQ
PACKAGE OUTLINE
UNIT
A
e 1
A2
bp
cD(1)
E(1)
Z (1)
de
Dh
LL3
m
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
17.0
15.5
4.6
4.2
0.75
0.60
0.48
0.38
24.0
23.6
20.0
19.6
10
3.4
v
0.8
12.2
11.8
1.7
e 2
5.08
2.4
1.6
Eh
6
2.00
1.45
2.1
1.8
3.4
3.1
4.3
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
12.4
11.0
SOT141-6
0
5
10 mm
scale
Q
j
0.25
w
0.03
x
D
L
E
A
c
A2
m
L 3
Q
w M
b p
1
d
D
Z
e
2
e
e
x
h
113
j
Eh
non-concave
view B: mounting base side
95-03-11
97-12-16
DBS13P: plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm)
SOT141-6
v M
B


Número de pieza similar - TDA8351A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
More results

Descripción similar - TDA8351A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
ILA8351 INTEGRAL-ILA8351 Datasheet
279Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
KODENSHI_AUK CORP.
KKA8356 KODENSHI-KKA8356 Datasheet
189Kb / 5P
   DC-coupled vertical deflection circuit
logo
NXP Semiconductors
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
logo
KODENSHI_AUK CORP.
KKA8351 KODENSHI-KKA8351 Datasheet
127Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
NXP Semiconductors
TDA8356 PHILIPS-TDA8356 Datasheet
72Kb / 12P
   DC-coupled vertical deflection circuit
1999 Sep 27
logo
NTE Electronics
NTE7156 NTE-NTE7156 Datasheet
36Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
logo
NXP Semiconductors
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
logo
NTE Electronics
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com