Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1070 Datasheet(PDF) 11 Page - Microchip Technology |
|
TC1070 Datasheet(HTML) 11 Page - Microchip Technology |
11 / 20 page © 2007 Microchip Technology Inc. DS21353D-page 11 TC1070/TC1071/TC1187 5.0 THERMAL CONSIDERATIONS 5.1 Thermal Shutdown Integrated thermal protection circuitry shuts the regulator off when die temperature exceeds 160°C. The regulator remains off until the die temperature drops to approximately 150°C. 5.2 Power Dissipation The amount of power the regulator dissipates is primarily a function of input and output voltage, and output current. The following equation is used to calculate worst-case actual power dissipation: EQUATION 5-1: The maximum allowable power dissipation (Equation 4-2) is a function of the maximum ambient temperature (TAMAX), the maximum allowable die temperature (TJMAX) and the thermal resistance from junction-to-air ( θJA). The 5-Pin SOT-23 package has a θJA of approximately 220° C/Watt. EQUATION 5-2: Equation 5-1 can be used in conjunction with Equation 4-2 to ensure regulator thermal operation is within limits. For example: Given: VINMAX = 3.0V ±10% VOUTMIN = 2.7V – 2% ILOADMAX = 40 mA TJMAX = 125°C TAMAX = 55°C Find: 1. Actual power dissipation 2. Maximum allowable dissipation Actual power dissipation: PD ≈ (VINMAX – VOUTMIN)ILOADMAX = [(3.0 x 1.10) – (2.7 x .0.98)]40 x 10–3 = 26.2 mW Maximum allowable power dissipation: In this example, the TC1070 dissipates a maximum of 26.2 mW which is below the allowable limit of 318 mW. In a similar manner, Equation 5-1 and Equation 5-2 can be used to calculate maximum current and/or input voltage limits. 5.3 Layout Considerations The primary path of heat conduction out of the package is via the package leads. Therefore, layouts having a ground plane, wide traces at the pads, and wide power supply bus lines combine to lower θJA and therefore increase the maximum allowable power dissipation limit. Where: P D≈ (VINmax – VOUTmin)ILOADmax PD VINMAX VOUTMIN ILOADMAX = Worst-case actual power dissipation = Minimum regulator output voltage = Maximum output (load) current = Maximum voltage on VIN PDMAX = (TJMAX – TAMAX) θJA where all terms are previously defined. PDMAX = (TJMAX – TAMAX) θJA = (125 – 55) 220 = 318 mW |
Número de pieza similar - TC1070_07 |
|
Descripción similar - TC1070_07 |