Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1071VCT713 Datasheet(PDF) 7 Page - Microchip Technology |
|
TC1071VCT713 Datasheet(HTML) 7 Page - Microchip Technology |
7 / 20 page © 2007 Microchip Technology Inc. DS21353D-page 7 TC1070/TC1071/TC1187 TYPICAL CHARACTERISTICS (CONTINUED) Note: Unless otherwise specified, all parts are measured at temperature = +25°C) VOUT VSHDN Measure Rise Time of 3.3V LDO Conditions: CIN = 1μF, COUT = 1μF, ILOAD = 100mA, VIN = 4.3V, Temp = 25 °C, Fall Time = 184μS VSHDN Measure Rise Time of 5.0V LDO Conditions: CIN = 1μF, COUT = 1μF, ILOAD = 100mA, VIN = 6V, Temp = 25 °C, Fall Time = 192μS VOUT Thermal Shutdown Response of 5.0V LDO Conditions: VIN = 6V, CIN = 0μF, COUT = 1μF ILOAD was increased until temperature of die reached about 160°C, at which time integrated thermal protection circuitry shuts the regulator off when die temperature exceeds approximately 160 °C. The regulator remains off until die temperature drops to approximately 150 °C. VOUT Measure Fall Time of 3.3V LDO Conditions: CIN = 1μF, COUT = 1μF, ILOAD = 100mA, VIN = 4.3V, Temp = 25 °C, Fall Time = 52μS VOUT VSHDN |
Número de pieza similar - TC1071VCT713 |
|
Descripción similar - TC1071VCT713 |