Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC10725.0VCT713 Datasheet(PDF) 8 Page - Microchip Technology |
|
TC10725.0VCT713 Datasheet(HTML) 8 Page - Microchip Technology |
8 / 22 page TC1072/TC1073 DS21354D-page 8 © 2007 Microchip Technology Inc. Note: Unless otherwise specified, all parts are measured at temperature = +25°C. Measure Rise Time of 5.0V LDO with Bypass Capacitor Conditions: CIN = 1μF, COUT = 1μF, CBYP = 470pF, ILOAD = 100mA VIN = 6V, Temp = 25°C, Rise Time = 390μS VOUT VSHDN Measure Fall Time of 5.0V LDO with Bypass Capacitor Conditions: CIN = 1μF, COUT = 1μF, CBYP = 470pF, ILOAD = 50mA VIN = 6V, Temp = 25°C, Fall Time = 167μS VOUT VSHDN Measure Rise Time of 5.0V LDO without Bypass Capacitor Conditions: CIN = 1μF, COUT = 1μF, CBYP = 0pF, ILOAD = 100mA VIN = 6V, Temp = 25°C, Rise Time = 192μS VOUT VSHDN Measure Fall Time of 5.0V LDO without Bypass Capacitor Conditions: CIN = 1μF, COUT = 1μF, CBYP = 0pF, ILOAD = 100mA VIN = 6V, Temp = 25°C, Fall Time = 88μS VOUT VSHDN |
Número de pieza similar - TC10725.0VCT713 |
|
Descripción similar - TC10725.0VCT713 |