Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC10725.0VCT713 Datasheet(PDF) 10 Page - Microchip Technology |
|
TC10725.0VCT713 Datasheet(HTML) 10 Page - Microchip Technology |
10 / 22 page TC1072/TC1073 DS21354D-page 10 © 2007 Microchip Technology Inc. Note: Unless otherwise specified, all parts are measured at temperature = +25°C. Line Regulation of 5.0V LDO Conditions: VIN = 6V, + 1V Squarewave @ 2.5kHz VIN VOUT CIN = 0μF, COUT = 1μF, CBYP = 470pF, ILOAD = 100mA, VIN & VOUT are AC coupled VOUT Thermal Shutdown Response of 5.0V LDO Conditions: VIN = 6V, CIN = 0μF, COUT = 1μF I LOAD was increased until temperature of die reached about 160°C, at which time integrated thermal protection circuitry shuts the regulator off when die temperature exceeds approximately 160 °C. The regulator remains off until die temperature drops to approximately 150 °C. |
Número de pieza similar - TC10725.0VCT713 |
|
Descripción similar - TC10725.0VCT713 |