Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD294BW Datasheet(PDF) 5 Page - Jianghai Europe GmbH

No. de pieza CD294BW
Descripción Electrónicos  EC Snap-In Standard 105째C 4.000h Lifetime(Snap-In)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGHAI [Jianghai Europe GmbH]
Página de inicio  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD294BW Datasheet(HTML) 5 Page - Jianghai Europe GmbH

  CD294BW Datasheet HTML 1Page - Jianghai Europe GmbH CD294BW Datasheet HTML 2Page - Jianghai Europe GmbH CD294BW Datasheet HTML 3Page - Jianghai Europe GmbH CD294BW Datasheet HTML 4Page - Jianghai Europe GmbH CD294BW Datasheet HTML 5Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
10
Part Number System
Terminal
T6
T
Pin Length T
6,3
4,0
Technical Specification Snap-In Type
Pin Type: Snap-In
Pin Type: Soldering
Order Code: T6, T4
Order Code: S4
T6, T4
S4
Snap-In Terminal
Soldering Terminal
Order Code: P2, P3, P4
Order Code: P5
Negative
Mounting Holes
Mounting Holes
Negative
Terminal
P2
P3
P4
P5
EC
G
1C
BP
101
M
B
E
160
A61
JExxxxx
Technology
Terminal
Type
Rated Voltage
Code
Series Code
Capacitance
Code
Capacitance
Tolerance
Mounting
Diameter
Length
For Terminal Code
see tables below
for Specials only
EC = Electrolytic
Capacitor
Screw = G
For coding
please refer
to the pages
of ratings
CD 1 = BP
100 = 101 ±20%
= M
Bolt
= B
36 = A
53 = 053
CD 16 = PK
1 000 = 102 ±10%
= K No double sleeve
= N
40 = B
65 = 065
CD 17 = PX
10 000 = 103 +30 / -10% = Q 2 stoppers bracket+double sleeve* = I
51 = C
96 = 096
CD 18 = PC
+20 / -0% = R 3 stoppers bracket+double sleeve* = Y
64 = D 100 = 100
CD 19 = BL
+50 / -10% = T No bracket, but double sleeve*
= D
77 = E 115 = 115
preferred
* Double sleeve for diameter ≥ 51 only
90 = F 236 = 236
101 = G
Order Code Screw Type
Ø D
Ø d
l
Ø 36
M8
12
≥ Ø 51
M12
16
in mm
Technical Specification Screw Type
Dimensions
Standard Housing
Bolt Housing
Order Code: I, Y, D, N
Order Code: B
Mounting Holes
P3 only T4 Terminal
Positive
Negative
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Número de pieza similar - CD294BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
celduc-relais
CD29 CELDUC-CD29 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGE OVER
logo
Molex Electronics Ltd.
CD2901 MOLEX4-CD2901 Datasheet
129Kb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
logo
Jianghai Europe GmbH
CD293BZ JIANGHAI-CD293BZ Datasheet
816Kb / 5P
   EC Snap-In Standard 85째C 4.000h Lifetime (Snap-In)
More results

Descripción similar - CD294BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jianghai Europe GmbH
CD293BZ JIANGHAI-CD293BZ Datasheet
816Kb / 5P
   EC Snap-In Standard 85째C 4.000h Lifetime (Snap-In)
CD136PK JIANGHAI-CD136PK Datasheet
880Kb / 4P
   EC Screw Standard 105째C 4.000h Lifetime(Screw)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
   EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
   EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CD29HQH JIANGHAI-CD29HQH Datasheet
986Kb / 4P
   EC Snap-In 105째C Long Lifetime 5.000h Highest Ripple Currents Miniaturized(Snap-In)
CD299PG JIANGHAI-CD299PG Datasheet
869Kb / 4P
   EC Snap-In 105째C Longest Lifetime 9.000h High Ripple Currents Miniaturized(Snap-In)
CD29DHR JIANGHAI-CD29DHR Datasheet
981Kb / 4P
   EC Snap-In 85째C Longest Lifetime 7.000h Miniaturized (Snap-In)
CD295BC JIANGHAI-CD295BC Datasheet
992Kb / 5P
   EC Snap-In 85째C Long Lifetime 6.000h High Ripple Currents(Snap-In)
CD135BP JIANGHAI-CD135BP Datasheet
946Kb / 5P
   EC Screw Standard 85째C 4.000h Lifetime(Screw)
CD110PT JIANGHAI-CD110PT Datasheet
926Kb / 4P
   EC Radial Standard 85째C 3.000 - 4.000h Lifetime (Radial)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com