Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD299PG Datasheet(PDF) 1 Page - Jianghai Europe GmbH

No. de pieza CD299PG
Descripción Electrónicos  EC Snap-In 105째C Longest Lifetime 9.000h High Ripple Currents Miniaturized(Snap-In)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGHAI [Jianghai Europe GmbH]
Página de inicio  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD299PG Datasheet(HTML) 1 Page - Jianghai Europe GmbH

  CD299PG Datasheet HTML 1Page - Jianghai Europe GmbH CD299PG Datasheet HTML 2Page - Jianghai Europe GmbH CD299PG Datasheet HTML 3Page - Jianghai Europe GmbH CD299PG Datasheet HTML 4Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8
CD
299 PG Series
9 000h at 105°C
· Extended Lifetime at 105°C
· High Ripple Current
· High Professional Industrial Power Supplies
CD
29H QH
CD
296 KC
highest
current
CD
297 BB
longest life
higher current
CD
299 PG
longer
life
Item
Characteristics
Operating Temperature Range (°C)
-40 ~ +105
-25 ~ +105
Voltage Range (V)
160 ~ 250
315 ~ 450
Capacitance Range (µF)
39 ~ 2 200
Capacitance Tolerance
(20°C, 120Hz)
± 20%
Leakage Current (µA)
After 5 minutes at 20°C application of rated voltage, leakage
current is not more than 0,01CV or 1,5mA, whichever is smaller
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Rated Voltage (V)
160
180
200
20
1
0
00
0
Tan
δ (max)
0,15
0,20
Stability at Low Temperature
(Impedance Ratio at 120Hz)
Rated Voltage (V)
≤ 250
1 ~ 0
Z
-25°C / Z +20°C
3
8
Z
-40°C / Z +20°C
12
-
Useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
9 000h
>200 000h
7 000h
7 000h
1 000h
Leakage Current
Not more than specified value
Not more than specified
value
Not more than specified
value
Not more than specified
value
Capacity Change
Within ± 30% of initial value
Within ± 20% of initial
value
Within ± 20% of initial
value
Within ± 20% of initial
value
Dissipation Factor
Not more than 300% of specified value
Not more than 200% of
specified value
Not more than 130% of
specified value
Not more than 200% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
Failure Rate Level
U
R
I
R
105°C
≤ 1% Failure Rate
U
R
1,4 x I
R
50°C
≤ 1% Failure Rate
U
R
I
R
105°C
guaranteed
U
R
I
R = 0
105°C
U
R = 0
I
R
= 0
105°C
After test:
U
R to be applied
for 30min
>24h before
measurement
Frequency
Rated
Voltage (V)
50Hz
60Hz
120Hz
300Hz
1kHz
≥50kHz
160 ~ 250
0,81
0,85
1,00
1,17
1,45
1,50
315 ~ 450
0,77
0,82
1,00
1,16
1,41
1,43
Multiplier for Ripple Current
Frequency Coefficient
I
A = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 105°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
Lifetime Diagram
40
50
60
70
80
90
100
110
TA (˚C)
IA
–––
IR
3.0
2.5
2.0
1.5
1.0
0.5
0.0
X32
X16
X8
X4
X2
X1
Lifetime
Multiplier
CD 299 PG Series
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Número de pieza similar - CD299PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
celduc-relais
CD29 CELDUC-CD29 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGE OVER
logo
Molex Electronics Ltd.
CD2901 MOLEX4-CD2901 Datasheet
129Kb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
logo
Jianghai Europe GmbH
CD293BZ JIANGHAI-CD293BZ Datasheet
816Kb / 5P
   EC Snap-In Standard 85째C 4.000h Lifetime (Snap-In)
More results

Descripción similar - CD299PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jianghai Europe GmbH
CD29HQH JIANGHAI-CD29HQH Datasheet
986Kb / 4P
   EC Snap-In 105째C Long Lifetime 5.000h Highest Ripple Currents Miniaturized(Snap-In)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
   EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
   EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CD29DHR JIANGHAI-CD29DHR Datasheet
981Kb / 4P
   EC Snap-In 85째C Longest Lifetime 7.000h Miniaturized (Snap-In)
CD295BC JIANGHAI-CD295BC Datasheet
992Kb / 5P
   EC Snap-In 85째C Long Lifetime 6.000h High Ripple Currents(Snap-In)
CD294BW JIANGHAI-CD294BW Datasheet
926Kb / 5P
   EC Snap-In Standard 105째C 4.000h Lifetime(Snap-In)
CD262QM JIANGHAI-CD262QM Datasheet
898Kb / 4P
   EC 105째C Longest Lifetime 12.000 - 14.000h Miniaturized(Radial)
CD29LQL JIANGHAI-CD29LQL Datasheet
1Mb / 4P
   EC Snap-In 85째C Long Lifetime 7.000h Highest Ripple Currents Largest Size(Snap-In)
CD261XQX JIANGHAI-CD261XQX Datasheet
907Kb / 4P
   EC 105째C Long Lifetime 7.000 - 12.000h Highest Ripple Currents Miniaturized(Radial)
CD139BL JIANGHAI-CD139BL Datasheet
1Mb / 4P
   EC Screw 105째C Longest Lifetime 9.000h High Reliability at High Voltage(Screw)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com