Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST232CDR Datasheet(PDF) 4 Page - STMicroelectronics |
|
ST232CDR Datasheet(HTML) 4 Page - STMicroelectronics |
4 / 19 page Maximum ratings ST232 4/19 2 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Note: 1 No external supply can be applied to V+ terminal and V- terminal. Table 2. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage -0.3 to 6 V TIN Transmitter input voltage range -0.3 to (VCC + 0.3) V RIN Receiver input voltage range ± 30 V TOUT Transmitter output voltage range (V+ + 0.3) to (V- - 0.3) V ROUT Receiver output voltage range -0.3 to (VCC + 0.3) V TSCTOUT Short circuit duration on TOUT infinite TSTG Storage temperature range -65 to + 150 |
Número de pieza similar - ST232CDR |
|
Descripción similar - ST232CDR |