Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPM14 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STPM14
Descripción Electrónicos  Single phase energy metering IC with pulsed output and digital calibration
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM14 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPM14 Datasheet HTML 2Page - STMicroelectronics STPM14 Datasheet HTML 3Page - STMicroelectronics STPM14 Datasheet HTML 4Page - STMicroelectronics STPM14 Datasheet HTML 5Page - STMicroelectronics STPM14 Datasheet HTML 6Page - STMicroelectronics STPM14 Datasheet HTML 7Page - STMicroelectronics STPM14 Datasheet HTML 8Page - STMicroelectronics STPM14 Datasheet HTML 9Page - STMicroelectronics STPM14 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Maximum ratings
STPM11/12/13/14
6/43
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 2.
Absolute maximum ratings (See note)
Symbol
Parameter
Value
Unit
VCC
DC Input voltage
-0.3 to 6
V
IPIN
Current on any pin (sink/source)
± 150
mA
VID
Input voltage at digital pins (SCS, MOP, MON, SYN, SDATD,
SCLNLC, LED)
-0.3 to VCC+0.3
V
VIA
Input voltage at analog pins (IIP1, IIN1, IIP2, IIN2, VIP, VIN)
-0.7 to 0.7
V
VOTP
Input voltage at OTP pin
-0.3 to 25
V
ESD
Human body model (all pins)
± 3.5
kV
TOP
Operating ambient temperature
-40 to 85
°C
TJ
Junction temperature
-40 to 150
°C
TSTG
Storage temperature range
-55 to 150
°C
Table 3.
Thermal Data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
114.5 (1)
°C/W
1.
This value is referred to single-layer PCB, JEDEC standard test board.


Número de pieza similar - STPM14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPM14 STMICROELECTRONICS-STPM14 Datasheet
1Mb / 45P
   Single phase energy metering IC with pulsed output and digital calibration
STPM14ATR STMICROELECTRONICS-STPM14ATR Datasheet
1Mb / 45P
   Single phase energy metering IC with pulsed output and digital calibration
More results

Descripción similar - STPM14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPM11 STMICROELECTRONICS-STPM11_08 Datasheet
1Mb / 45P
   Single phase energy metering IC with pulsed output and digital calibration
logo
Analog Devices
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
   Polyphase Energy Metering IC with Pulsed Output
Rev. PrA
logo
ams AG
AS8168 AMSCO-AS8168 Datasheet
250Kb / 30P
   Single Phase Average Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
AS8118 AMSCO-AS8118_1 Datasheet
287Kb / 30P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
AS8118 AMSCO-AS8118 Datasheet
36Kb / 1P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
   Three Phase Energy Metering IC with Pulse Output
REV. PrB 08/01
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
   Single-Phase Active and Apparent Energy Metering IC
REV. A
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
   Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7763 AD-ADE7763_13 Datasheet
828Kb / 56P
   Single-Phase Active and Apparent Energy Metering IC
REV. C
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
   Programmable single phase energy metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com