Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVC594APW Datasheet(PDF) 7 Page - NXP Semiconductors |
|
74LVC594APW Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 19 page 74LVC594A_1 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 — 24 May 2007 7 of 19 NXP Semiconductors 74LVC594A 8-bit shift register with output register [1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C. 11. Dynamic characteristics IOFF power-off leakage current VCC = 0 V; VI or VO = 5.5 V - 0.1 10 - 20 µA ICC supply current VCC = 3.6 V; VI =VCC or GND; IO =0A - 0.1 10 - 40 µA ∆ICC additional supply current per input pin; VCC = 1.65 V to 3.6 V; VI =VCC − 0.6 V; IO =0A - 5 500 - 5000 µA CI input capacitance VCC = 0 V to 3.6 V; VI = GND to VCC - 5.0 - - - pF Table 6. Static characteristics …continued At recommended operating conditions. Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max Table 7. Dynamic characteristics Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 13. Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max tpd propagation delay SHCP to Q7S; see Figure 7 [2] VCC = 1.2 V - 17.5 - - - ns VCC = 1.65 V to 1.95 V 2.0 5.2 15.8 2.0 18.2 ns VCC = 2.3 V to 2.7 V 1.5 3.2 8.1 1.5 9.3 ns VCC = 2.7 V 1.5 3.5 7.6 1.5 8.7 ns VCC = 3.0 V to 3.6 V 1.5 3.1 6.7 1.5 7.7 ns STCP to Qn; see Figure 8 [2] VCC = 1.2 V - 19.3 - - - ns VCC = 1.65 V to 1.95 V 2.0 7.6 15.8 2.0 18.2 ns VCC = 2.3 V to 2.7 V 1.5 4.8 8.1 1.5 9.3 ns VCC = 2.7 V 1.5 5.2 7.6 1.5 8.7 ns VCC = 3.0 V to 3.6 V 1.2 4.5 6.7 1.2 7.7 ns |
Número de pieza similar - 74LVC594APW |
|
Descripción similar - 74LVC594APW |