Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1232 Datasheet(PDF) 10 Page - Microchip Technology |
|
TC1232 Datasheet(HTML) 10 Page - Microchip Technology |
10 / 20 page TC1232 DS21370C-page 10 Preliminary © 2005 Microchip Technology Inc. 5.0 PACKAGING INFORMATION 5.1 Package Marking Information XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Examples: 8-Lead SOIC (150 mil) Examples: XXXXXXXX XXXXYYWW NNN TC1232 I/P256 0518 TC1232 COA0518 256 16-Lead SOIC (150 mil) Examples: XXXXXXXXXXXXX YYWWNNN XXXXXXXXXXXXX TC1232 COE 0518256 XXXXXXXXXX Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e TC1232 CPA^^256 0518 TC1232E OA^^0518 256 TC1232 COE^^ 0518256 XXXXXXXXXX OR OR OR 3 e 3 e 3 e |
Número de pieza similar - TC1232 |
|
Descripción similar - TC1232 |