Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1264-2.5VDB Datasheet(PDF) 9 Page - Microchip Technology |
|
TC1264-2.5VDB Datasheet(HTML) 9 Page - Microchip Technology |
9 / 18 page © 2006 Microchip Technology Inc. DS21375C-page 9 TC1264 3-Lead Plastic (EB) (DDPAK) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging BOTTOM VIEW TOP VIEW E D b b1 E1 D2 A A1 c2 c L D1 e α φ (5X) L3 1 § Significant Characteristic Revised 07-19-05 Notes: Mold Draft Angle Dimensions D and E do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. α 7° Pitch Number of Pins Overall Width Standoff § Molded Package Length Exposed Pad Width Overall Height MAX Units Dimension Limits A1 E1 D E e A .000 .256 REF INCHES* 1.00 BSC MIN 3 NOM MAX .010 0.00 6.50 REF MILLIMETERS .183 MIN 3 2.54 BSC NOM 0.25 4.65 JEDEC equivalent: TO-252 4.50 .170 .005 0.13 Foot Length L .068 -- .110 1.73 -- 2.79 Foot Angle φ -- -- 8° b1 .049 .050 .051 1.24 1.27 1.30 .177 * Controlling Parameter 4.32 .385 .398 .410 9.78 10.11 10.41 Overall Length D1 Upper Lead Width Lead Thickness c .014 .020 .026 0.36 0.51 0.66 Pad Thickness c2 .045 -- .055 1.14 -- 1.40 Lower Lead Width .037 b .026 .032 0.66 0.81 0.94 3° -- 8° 7° 3° -- -- -- Exposed Pad Length D2 .303 REF 7.70 REF Pad Length L3 .045 -- .067 1.70 1.14 -- .370 .330 .350 9.40 8.38 8.89 .577 .549 .605 15.37 13.94 14.66 BSC: Basic Dimension. Theoretically, exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. See ASME Y14.5M See ASME Y14.5M Drawing No. C04-011 |
Número de pieza similar - TC1264-2.5VDB |
|
Descripción similar - TC1264-2.5VDB |