Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8542TS Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza TDA8542TS
Descripción Electrónicos  2 x 0.7 W BTL audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542TS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8542TS Datasheet HTML 4Page - NXP Semiconductors TDA8542TS Datasheet HTML 5Page - NXP Semiconductors TDA8542TS Datasheet HTML 6Page - NXP Semiconductors TDA8542TS Datasheet HTML 7Page - NXP Semiconductors TDA8542TS Datasheet HTML 8Page - NXP Semiconductors TDA8542TS Datasheet HTML 9Page - NXP Semiconductors TDA8542TS Datasheet HTML 10Page - NXP Semiconductors TDA8542TS Datasheet HTML 11Page - NXP Semiconductors TDA8542TS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1998 Mar 25
8
Philips Semiconductors
Product specification
2
× 0.7 W BTL audio amplifier
TDA8542TS
TEST AND APPLICATION INFORMATION
Test conditions
Because the application can be either Bridge-Tied Load
(BTL) or Single-Ended (SE), the curves of each application
are shown separately.
The thermal resistance = 110 K/W for the SSOP20; the
maximum sine wave power dissipation for Tamb =25 °C is:
For Tamb =60 °C the maximum total power dissipation is:
Thermal design considerations
The ‘measured’ thermal resistance of the IC package is
highly dependent on the configuration and size of the
application board. Data may not be comparable between
different semiconductor manufacturers because the
application boards and test methods are not (yet)
standardized. Also, the thermal performance of packages
for a specific application may be different than presented
here, because the configuration of the application boards
(copper area) may be different. Philips Semiconductors
uses FR-4 type application boards with 1 oz copper traces
with solder coating.
The SSOP package has improved thermal conductivity
which reduces the thermal resistance. Using a practical
PCB layout (see Fig.22) with wider copper tracks to the
corner pins and just under the IC, the thermal resistance
from junction to ambient can be reduced to approximately
80 K/W. For Tamb =60 °C the maximum total power
dissipation for this PCB layout is:
BTL application
Tamb =25°C if not specially mentioned, VCC =5V,
f = 1 kHz, RL =8 Ω, Gv = 20 dB, audio band-pass
22 Hz to 22 kHz.
The BTL application diagram is illustrated in Fig.3.
The quiescent current has been measured without any
load impedance. The total harmonic distortion as a
150
25
110
----------------------
1.14 W
=
150
60
110
----------------------
0.82 W
=
150
60
80
----------------------
1.12 W
=
function of frequency was measured with a low-pass filter
of 80 kHz. The value of capacitor C3 influences the
behaviour of the SVRR at low frequencies, increasing the
value of C3 increases the performance of the SVRR.
The figure of the mode select voltage (Vms) as a function
of the supply voltage shows three areas; operating, mute
and standby. It shows, that the DC-switching levels of the
mute and standby respectively depends on the supply
voltage level.
SE application
Tamb =25°C if not specially mentioned, VCC = 7.5 V,
f = 1 kHz, RL =4 Ω, Gv = 20 dB, audio band-pass
22 Hz to 22 kHz.
The SE application diagram is illustrated in Fig.14.
If the BTL/SE pin (pin 6) is connected to ground, the
positive outputs (pins 3 and 8) will be in mute condition
with a DC level of 1
2VCC. When a headphone is used
(RL ≥ 25 Ω) the SE headphone application can be used
without output coupling capacitors; load between negative
output and one of the positive outputs (e.g. pin 3) as
common pin. The channel separation will be less in
comparison with the application using a coupling capacitor
connected to ground.
Increasing the value of electrolytic capacitor C3 will result
in a better channel separation. Because the positive output
is not designed for high output current (2
× Io) at low load
impedance (
≤16 Ω), the SE application with output
capacitors connected to ground is advised. The capacitor
value of C4/C5 in combination with the load impedance
determines the low frequency behaviour. The THD as a
function of frequency was measured using a low-pass filter
of 80 kHz. The value of capacitor C3 influences the
behaviour of the SVRR at low frequencies, increasing the
value of C3 increases the performance of the SVRR.
General remark
The frequency characteristic can be adapted by
connecting a small capacitor across the feedback resistor.
To improve the immunity of HF radiation in radio circuit
applications, a small capacitor can be connected in
parallel with the feedback resistor (56 k
Ω); this creates a
low-pass filter.


Número de pieza similar - TDA8542TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8542T PHILIPS-TDA8542T Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
More results

Descripción similar - TDA8542TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com