Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8547TS Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TDA8547TS
Descripción Electrónicos  2 x 0.7 W BTL audio amplifier with output channel switching
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8547TS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8547TS Datasheet HTML 2Page - NXP Semiconductors TDA8547TS Datasheet HTML 3Page - NXP Semiconductors TDA8547TS Datasheet HTML 4Page - NXP Semiconductors TDA8547TS Datasheet HTML 5Page - NXP Semiconductors TDA8547TS Datasheet HTML 6Page - NXP Semiconductors TDA8547TS Datasheet HTML 7Page - NXP Semiconductors TDA8547TS Datasheet HTML 8Page - NXP Semiconductors TDA8547TS Datasheet HTML 9Page - NXP Semiconductors TDA8547TS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1998 Apr 01
6
Philips Semiconductors
Product specification
2
× 0.7 W BTL audio amplifier with
output channel switching
TDA8547TS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”.
THERMAL CHARACTERISTICS
Table 2
Maximum ambient temperature at different conditions
Note
1. At THD = 10%.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
110
K/W
VCC
(V)
RL
(
Ω)
APPLICATION
Po
(W)(1)
CONTINUOUS SINE WAVE DRIVEN
Pmax
(W)
Tamb(max)
(
°C)
3.3
4
1 channel
1.2
0.58
86
3.3
4
2 channels
2
× 1.2
1.12
27
3.3
8
1 channels
0.6
0.3
117
3.3
8
2 channels
2
× 0.6
0.60
84
5
8
1 channel
1.2
0.67
76
5
8
2 channels
2
× 1.2
1.33
5
16
1 channel
0.7
0.35
112
5
16
2 channels
2
× 0.7
0.70
73
Fig.3 Power derating curve.
handbook, halfpage
0
40
80
160
0
2.0
120
1.6
1.2
0.8
0.4
MGK987
Tamb (°C)
P
(W)


Número de pieza similar - TDA8547TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
More results

Descripción similar - TDA8547TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
TDA8547 PHILIPS-TDA8547 Datasheet
240Kb / 24P
   2 x 1 W BTL audio amplifier with output channel switching
1997 Oct 07
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com