Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8551T Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA8551T
Descripción Electrónicos  1 W BTL audio amplifier with digital volume control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8551T Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8551T Datasheet HTML 1Page - NXP Semiconductors TDA8551T Datasheet HTML 2Page - NXP Semiconductors TDA8551T Datasheet HTML 3Page - NXP Semiconductors TDA8551T Datasheet HTML 4Page - NXP Semiconductors TDA8551T Datasheet HTML 5Page - NXP Semiconductors TDA8551T Datasheet HTML 6Page - NXP Semiconductors TDA8551T Datasheet HTML 7Page - NXP Semiconductors TDA8551T Datasheet HTML 8Page - NXP Semiconductors TDA8551T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Feb 23
2
Philips Semiconductors
Product specification
1 W BTL audio amplifier with digital volume control
TDA8551
FEATURES
• One pin digital volume control
• Volume setting with UP/DOWN pulses
• Flexibility in use
• Few external components
• Low saturation voltage of output stage
• standby mode controlled by CMOS compatible levels
• Low standby current
• No switch-on/switch-off plops
• High supply voltage ripple rejection
• Protected against electrostatic discharge
• Outputs short circuit safe to ground, VP and across the
load
• Thermally protected.
GENERAL DESCRIPTION
The TDA8551; TDA8551T is a one channel 1 W
Bridge-Tied Load (BTL) audio power amplifier capable of
delivering 1 W output power to an 8
Ω load at THD = 10%
using a 5 V power supply. The circuit contains a BTL
power amplifier, a digital volume control and standby/mute
logic. The TDA8551T comes in an 8 pin SO package and
the TDA8551 in a 8 pin DIP package.
APPLICATIONS
• Portable consumer products
• Personal computers
• Telephony.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
2.7
5
5.5
V
Iq
quiescent current
VP =5V
610
mA
Istb
standby current
−−
10
µA
Po
output power
THD = 10%; RL =8 Ω; VP = 5 V 1
1.4
W
Gv
voltage gain
−60
+20
dB
nvol
number of volume steps
64
THD
total harmonic distortion
Po = 0.5 W
0.15
%
SVRR
supply voltage ripple rejection
48
−−
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8551T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TDA8551
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1


Número de pieza similar - TDA8551T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
More results

Descripción similar - TDA8551T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com