Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8552T Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TDA8552T
Descripción Electrónicos  2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8552T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8552T Datasheet HTML 2Page - NXP Semiconductors TDA8552T Datasheet HTML 3Page - NXP Semiconductors TDA8552T Datasheet HTML 4Page - NXP Semiconductors TDA8552T Datasheet HTML 5Page - NXP Semiconductors TDA8552T Datasheet HTML 6Page - NXP Semiconductors TDA8552T Datasheet HTML 7Page - NXP Semiconductors TDA8552T Datasheet HTML 8Page - NXP Semiconductors TDA8552T Datasheet HTML 9Page - NXP Semiconductors TDA8552T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1998 Jun 02
6
Philips Semiconductors
Preliminary specification
2
× 1.4 W BTL audio amplifiers with digital
volume control and headphone sensing
TDA8552T; TDA8552TS
FUNCTIONAL DESCRIPTION
The TDA8552T is a 2
× 1.4 W BTL audio power amplifier
capable of delivering 2
× 1.4 W output power into an 8 Ω
load at THD = 10% using a 5 V power supply. The gain of
the amplifier can be set by the digital volume control.
The gain in the maximum volume setting is 20 dB (low
gain) or 30 dB (high gain). This maximum gain can be
selected by the gain selection pin. The headphone sense
input (HPS) can be used to detect if a headphone is
plugged into the jack connector. If a headphone is plugged
into the jack connector the amplifier switches from the BTL
to the SE mode and the BTL loudspeakers are switched
off. This also results in a reduction of quiescent current
consumption. Using the MODE pin the device can be
switched to the standby condition, the mute condition or
the normal operating condition. The device is protected by
an internal thermal shutdown protection mechanism.
Power amplifier
The power amplifier is a Bridge-Tied Load (BTL) amplifier
with a complementary CMOS output stage. The total
voltage loss for both output power MOS transistors is
within 1 V and with a 5 V supply and an 8
Ω loudspeaker
an output power of 1.4 W can be delivered. The total gain
of this power amplifier can be set at 20 or 30 dB by the
gain selection pin.
Gain selection
The gain selection can be used for a fixed gain setting,
depending on the application. The gain selection pin must
be hard wired to ground (20 dB) or to VDD (30 dB). Gain
selecting during the operation is not advised, switching is
not guaranteed plop free.
Input attenuator
The volume control operates as a digitally controlled input
attenuator between the audio input pin and the power
amplifier. In the maximum volume control setting the
attenuation is 0 dB and in the minimum volume control
setting the typical attenuation is 80 dB. The attenuation
can be set in 64 steps by the UP/DOWN pin. Both
attenuators for channels 1 and 2 are separated from each
other and are controlled by there own UP/DOWN pin.
Balance control can be arranged by applying UP/DOWN
pulses only on pins 6 and 7, see Fig.5.
Volume control
Each attenuator is controlled with its own UP/DOWN pin
(trinary input):
• Floating UP/DOWN pin: volume remains unchanged
• Negative pulses: decreasing volume
• Positive pulses: increasing volume.
Each pulse on the UP/DOWN pin results in a change in
gain of
(typical value).
In the basic application the UP/DOWN pin is switched to
ground or VDD by a double push-button. When the supply
voltage is initially connected, after a complete removal of
the supply, the initial state of the volume control is an
attenuation of 40 dB (low volume), so the gain of the total
amplifier is
−20 dB in the low gain setting or −10 dB in the
high gain setting. After powering-up, some positive pulses
have to be applied to the UP/DOWN pin for turning up to
listening volume.
Auto repeat
If the UP/DOWN pin is LOW or HIGH for the wait time (twait
in seconds) (one of the keys is pressed) then the device
starts making up or down pulses by itself with a frequency
given by
(repeat function).
The wait time and the repeat frequency are set using an
internal RC oscillator with an accuracy of
±10%.
Volume settings in standby mode
When the device is switched with the MODE select pin to
the mute or the standby condition, the volume control
attenuation setting keeps its value, under the assumption
that the voltage on the VDD pin does not fall below the
minimum supply voltage. After switching the device back
to the operation mode, the previous volume setting is
maintained. In the standby mode the volume setting is
maintained as long as the minimum supply voltage is
available. The current consumption is very low,
approximately 1
µA (typ.). In battery fed applications the
volume setting can be maintained during battery exchange
if there is a supply capacitor available.
80
64
------
1.25 dB
=
1
t
rep
--------


Número de pieza similar - TDA8552T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8552T NXP-TDA8552T Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
TDA8552TS NXP-TDA8552TS Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
TDA8552T NXP-TDA8552T_02 Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
More results

Descripción similar - TDA8552T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8552T NXP-TDA8552T_02 Datasheet
765Kb / 27P
   2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
2002 Jan 04
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA8551 PHILIPS-TDA8551 Datasheet
163Kb / 20P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
logo
Texas Instruments
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com