Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC4427EPA Datasheet(PDF) 11 Page - Microchip Technology |
|
TC4427EPA Datasheet(HTML) 11 Page - Microchip Technology |
11 / 20 page © 2006 Microchip Technology Inc. DS21422D-page 11 TC4426/TC4427/TC4428 5.0 PACKAGING INFORMATION 5.1 Package Marking Information XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example: TC4427 CPA256 0420 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN TC4428 COA0420 256 8-Lead MSOP Example: XXXXX YWWNNN 4426C 420256 Legend: XX...X Customer specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard device marking consists of Microchip part number, year code, week code, and traceability code. 8-Lead DFN Example : XXXXXXX XXXXXXX XXYYWW NNN TC4426 EMF 0420 256 |
Número de pieza similar - TC4427EPA |
|
Descripción similar - TC4427EPA |