Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC7660IOA Datasheet(PDF) 10 Page - Microchip Technology |
|
TC7660IOA Datasheet(HTML) 10 Page - Microchip Technology |
10 / 18 page TC7660 DS21465B-page 10 2002 Microchip Technology Inc. 6.0 PACKAGING INFORMATION 6.1 Package Marking Information XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example: 8-Lead CERDIP (300 mil) Example: Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard marking consists of Microchip part number, year code, week code, traceability code (facility code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. TC7660 CPA061 0221 XXXXXXXX XXXXXNNN YYWW TC7660 MJA061 0221 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN TC7660 COA0221 061 |
Número de pieza similar - TC7660IOA |
|
Descripción similar - TC7660IOA |