Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1047 Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza TC1047
Descripción Electrónicos  High Current Charge Pump DC-to-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1047 Datasheet(HTML) 5 Page - Microchip Technology

  TC1047_06 Datasheet HTML 1Page - Microchip Technology TC1047_06 Datasheet HTML 2Page - Microchip Technology TC1047_06 Datasheet HTML 3Page - Microchip Technology TC1047_06 Datasheet HTML 4Page - Microchip Technology TC1047_06 Datasheet HTML 5Page - Microchip Technology TC1047_06 Datasheet HTML 6Page - Microchip Technology TC1047_06 Datasheet HTML 7Page - Microchip Technology TC1047_06 Datasheet HTML 8Page - Microchip Technology TC1047_06 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2006 Microchip Technology Inc.
DS21484C-page 5
TC962
3.0
APPLICATIONS INFORMATION
3.1
Theory of Operation
The TC962 is a capacitive pump (sometimes called a
switched capacitor circuit), where four MOSFET
switches control the charge and discharge of a
capacitor.
The functional block diagram shows how the switching
action works. SW1 and SW2 are turned on simulta-
neously, charging CP to the supply voltage, VIN. This
assumes that the on resistance of the MOSFETs in
series with the capacitor results in a charging time
(3 time constants) that is less than the on time provided
by the oscillator frequency as shown:
3 (RDS(ON) CP) < CP/(0.5 fOSC)
In the next cycle, SW1 and SW2 are turned off and after
a very short interval of all switches being off (this
prevents large currents from occurring due to cross
conduction), SW3 and SW4 are turned on. The charge
in CP is then transferred to CR, but with the polarity
inverted. In this way, a negative voltage is now derived.
An oscillator supplies pulses to a flip-flop that is then
fed to a set of level shifters. These level shifters then
drive each set of switches at one-half the oscillator
frequency.
The oscillator has two pins that control the frequency of
oscillation. Pin 7 can have a capacitor added that is
returned to ground. This will lower the frequency of the
oscillator by adding capacitance to the timing capacitor
internal to the TC962. Grounding pin 6 will turn on a
current source and double the frequency. This will
double the charge current going into the internal
capacitor, as well as any capacitor added to pin 7.
A Zener diode has been added to the TC962 for use as
a reference in building external regulators. This Zener
runs from pin 1 to ground.
3.2
Latch-Up
All CMOS structures contain a parasitic SCR. Care
must be taken to prevent any input from going above or
below the supply rail, or latch-up will occur. The result
of latch-up is an effective short between VDD and VSS.
Unless the power supply input has a current limit, this
latch-up phenomena will result in damage to the
device. (See AN763, Latch-up Protection for MOSFET
Drivers.)
FIGURE 3-1:
Test Circuit
FIGURE 3-2:
Typical Applications
TC962
1
2
3
4
8
690
7
5
CP
+
10
μF
COSC
RL
VOUT
(–5V)
10
μF
CR
IL
IS
V
(+5V)
+
NC
+
1
2
3
TC962
4
8
7
6
5
CP2
CP1
CR1
10
μF
V+
+
+
+
10
μF
VOUT = –V+
VD1
VD2
VOUT =
+
10
μF
Combined Negative Converter and Positive Multiplier
+
CP
10
μF
+
1
2
3
4
8
7
6
5
10
μF
CR
+
VOUT =
V
2
+
Split V+ In Half
TC962
Positive Voltage Multiplier
Lowering Output Resistance by Paralleling Devices
2V –2VD
TC962
1
2
3
4
8
7
6
5
10
μF
10
μF
VOUT =
+
VD2
VD1
+
+
V+
CP
CP
2V –2VD
CP1
10
μF
+
CP2
10
μF
+
TC962
TC962
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
+
V+
VOUT
10
μF
CR
V+


Número de pieza similar - TC1047_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1047A MICROCHIP-TC1047A Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
TC1047A MICROCHIP-TC1047A Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1047A MICROCHIP-TC1047A Datasheet
140Kb / 12P
   Precision Temperature-to-Voltage Converter
04/20/05
TC1047A MICROCHIP-TC1047A Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC1047AVNB MICROCHIP-TC1047AVNB Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
More results

Descripción similar - TC1047_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC962 MICROCHIP-TC962 Datasheet
434Kb / 12P
   High Current Charge Pump DC-to-DC Converter
2002
logo
TelCom Semiconductor, I...
TC962 TELCOM-TC962 Datasheet
74Kb / 5P
   HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC962 MICROCHIP-TC962_13 Datasheet
398Kb / 14P
   High Current Charge Pump DC-to-DC Converter
11/29/12
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com