Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1047 Datasheet(PDF) 7 Page - Microchip Technology

No. de pieza TC1047
Descripción Electrónicos  High Current Charge Pump DC-to-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1047 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1047_06 Datasheet HTML 3Page - Microchip Technology TC1047_06 Datasheet HTML 4Page - Microchip Technology TC1047_06 Datasheet HTML 5Page - Microchip Technology TC1047_06 Datasheet HTML 6Page - Microchip Technology TC1047_06 Datasheet HTML 7Page - Microchip Technology TC1047_06 Datasheet HTML 8Page - Microchip Technology TC1047_06 Datasheet HTML 9Page - Microchip Technology TC1047_06 Datasheet HTML 10Page - Microchip Technology TC1047_06 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2006 Microchip Technology Inc.
DS21484C-page 7
TC962
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Package marking data not available at this time.
5.2
Taping Form
5.3
Package Dimensions
Component Taping Orientation for 16-Pin SOIC (Wide) Devices
W
Pin 1
User Direction of Feed
Standard Reel Component Orientation
for 713 Suffix Device
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
16-Pin SOIC (W)
16 mm
12 mm
1000
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
.400 (10.16)
.370 (9.40)
.300 (7.62)
.230 (5.84)
.065 (1.65)
.045 (1.14)
.055 (1.40) Max.
.020 (0.51) Min.
Pin 1
.200 (5.08)
.160 (4.06)
.200 (5.08)
.125 (3.18)
.110 (2.79)
.090 (2.29)
.020 (0.51)
.016 (0.41)
.040 (1.02)
.020 (0.51)
.320 (8.13)
.290 (7.37)
.150 (3.81)
Min.
3° Min.
8-Pin CDIP (Narrow)
.015 (0.38)
.008 (0.20)
.400 (10.16)
.320 (8.13)
Dimensions: inches (mm)


Número de pieza similar - TC1047_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1047A MICROCHIP-TC1047A Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
TC1047A MICROCHIP-TC1047A Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1047A MICROCHIP-TC1047A Datasheet
140Kb / 12P
   Precision Temperature-to-Voltage Converter
04/20/05
TC1047A MICROCHIP-TC1047A Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC1047AVNB MICROCHIP-TC1047AVNB Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
More results

Descripción similar - TC1047_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC962 MICROCHIP-TC962 Datasheet
434Kb / 12P
   High Current Charge Pump DC-to-DC Converter
2002
logo
TelCom Semiconductor, I...
TC962 TELCOM-TC962 Datasheet
74Kb / 5P
   HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC962 MICROCHIP-TC962_13 Datasheet
398Kb / 14P
   High Current Charge Pump DC-to-DC Converter
11/29/12
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com