Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1016-1.8VLTTR Datasheet(PDF) 6 Page - Microchip Technology |
|
TC1016-1.8VLTTR Datasheet(HTML) 6 Page - Microchip Technology |
6 / 22 page TC1016 DS21666B-page 6 © 2005 Microchip Technology Inc. FIGURE 2-19: Power Supply Rejection Ratio vs. Frequency. FIGURE 2-20: Wake-Up Response. FIGURE 2-21: Wake-Up Response. FIGURE 2-22: Load Transient Response. FIGURE 2-23: Load Transient Response. FIGURE 2-24: Line Transient Response. -80 -70 -60 -50 -40 -30 -20 -10 0 10 1 000 1 00000 Frequency (Hz) 10 100 1K 10K 100K 1M V INDC = 2.8V V INAC = 100 mVp-p V OUTDC = 1.8V I OUT = 50 mA C OUT = 1 μF X7R Ceramic VIN = 2.8V CIN = 10 µF COUT = 1 µF Ceramic VOUT = 1.8V Shutdown Input VIN = 2.8V CIN = 10 µF COUT = 4.7 µF Ceramic VOUT = 1.8V Shutdown Input VIN = 2.8V CIN = 10 µF COUT = 1 µF Ceramic VOUT = 1.8V IOUT = 0.1 mA to 60 mA VIN = 2.8V CIN = 10 µF COUT = 1 µF Ceramic VOUT = 1.8V IOUT = 0.1 mA to 60 mA ILOAD = 60 mA CIN = 0 µF COUT = 1 µF Ceramic VOUT = 1.8V IOUT = 2.8V to 3.8V |
Número de pieza similar - TC1016-1.8VLTTR |
|
Descripción similar - TC1016-1.8VLTTR |