Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC2117-1.8EDTR Datasheet(PDF) 2 Page - Microchip Technology

No. de pieza TC2117-1.8EDTR
Descripción Electrónicos  800 mA Fixed Low Dropout Positive Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117-1.8EDTR Datasheet(HTML) 2 Page - Microchip Technology

  TC2117-1.8EDTR Datasheet HTML 1Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 2Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 3Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 4Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 5Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 6Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 7Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 8Page - Microchip Technology TC2117-1.8EDTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC2117
DS21665C-page 2
© 2006 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Input Voltage .........................................................6.5V
Output Voltage.................... (VSS – 0.3) to (VIN + 0.3V)
Power Dissipation................Internally Limited (Note 7)
Maximum Voltage on Any Pin .........VIN +0.3V to -0.3V
Operating Temperature ............... -40°C < TJ < +125°C
Storage temperature ..........................-65°C to +150°C
† Notice: Stresses above those listed under "Absolute Maxi-
mum Ratings" may cause permanent damage to the device.
These are stress ratings only and functional operation of the
device at these or any other conditions above those indicated
in the operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VIN = VR + 1.5V, (Note 1), IL = 100 µA, CL = 3.3 µF, TA = +25°C.
Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.7
6.0
V
Note 2
Maximum Output Current
IOUTMAX
800
——
mA
Output Voltage
VOUT
VR – 2.5% VR ± 0.5% VR + 2.5%
VVR ≥ 2.5V
VR – 2%
VR ± 0.5% VR + 3%
VR = 1.8V
VOUT Temperature Coefficient
ΔVOUT/ΔT
40
ppm/°C Note 3
Line Regulation
ΔVOUT/ΔVIN
—0.007
0.35
%(VR + 1V) ≤ VIN ≤ 6V
Load Regulation (Note 4)
ΔVOUT/VOUT
-0.01
0.002
0
%/mA
IL = 0.1 mA to IOUTMAX
Dropout Voltage (Note 5)
VIN–VOUT
—20
30
mV
VR ≥ 2.5V, IL = 100 µA
—50
160
VR ≥ 2.5V, IL = 100 mA
150
480
VR ≥ 2.5V, IL = 300 mA
260
800
VR ≥ 2.5V, IL = 500 mA
450
1300
VR ≥ 2.5V, IL = 800 mA
1000
1200
VR = 1.8V, IL = 500 mA
1200
1400
IL = 800 mA
Supply Current
IDD
—80
130
µA
SHDN = VIH, IL = 0
Power Supply Rejection Ratio
PSRR
55
db
F
≤ 1kHz
Output Short Circuit Current
IOUTSC
1200
mA
VOUT = 0V
Thermal Regulation
ΔVOUT/ΔPD
—0.04
V/W
Note 6
Output Noise
eN
300
nV/
√Hz IL = 100 mA, F = 10 kHZ
Note 1:
VR is the regulator output voltage setting.
2: The minimum VIN has to justify the conditions: VIN ≥ VR + VDROPOUT and VIN ≥ 2.7V for IL = 0.1 mA to IOUTMAX.
3:
4:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
5:
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal
value measured at a 1.5V differential.
6:
Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction tem-
perature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power dis-
sipation causes the device to initiate thermal shutdown. Please see Section 4.2 “Thermal Considerations” for more
details.
TCVOUT
VOUTMAX VOUTMIN
() 10
6
VOUT
T
Δ
×
-------------------------------------------------------------------------
=


Número de pieza similar - TC2117-1.8EDTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC2117-1.8VDB MICROCHIP-TC2117-1.8VDB Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-1.8VDBTR MICROCHIP-TC2117-1.8VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-1.8VEBTR MICROCHIP-TC2117-1.8VEBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
More results

Descripción similar - TC2117-1.8EDTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
International Rectifier
IRU1011-33 IRF-IRU1011-33 Datasheet
111Kb / 6P
   1.3A LOW DROPOUT POSITIVE FIXED REGULATOR
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com