Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8568Q Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA8568Q
Descripción Electrónicos  4 x 25 W BTL quad car radio power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8568Q Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8568Q Datasheet HTML 5Page - NXP Semiconductors TDA8568Q Datasheet HTML 6Page - NXP Semiconductors TDA8568Q Datasheet HTML 7Page - NXP Semiconductors TDA8568Q Datasheet HTML 8Page - NXP Semiconductors TDA8568Q Datasheet HTML 9Page - NXP Semiconductors TDA8568Q Datasheet HTML 10Page - NXP Semiconductors TDA8568Q Datasheet HTML 11Page - NXP Semiconductors TDA8568Q Datasheet HTML 12Page - NXP Semiconductors TDA8568Q Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1998 Sep 23
9
Philips Semiconductors
Product specification
4
× 25 W BTL quad car radio power
amplifier
TDA8568Q
AC CHARACTERISTICS
VP = 14.4 V; RL =4 Ω; f = 1 kHz; Tamb =25 °C; measured in Fig.7; unless otherwise specified.
Notes
1. Frequency response externally fixed.
2. Vripple =Vripple(max) = 2 V (p-p); Rs =0 Ω.
3. B = 20 Hz to 20 kHz; Rs =0 Ω.
4. B = 20 Hz to 20 kHz; Rs =10kΩ.
5. B = 20 Hz to 20 kHz; independent of Rs.
6. PO = 16 W; Rs =10kΩ.
7. Vi =Vi(max) = 1 V (RMS).
8. Dynamic Distortion Detector (DDD) active, pin 9 is set to logic 0.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 0.5%
16
19
W
THD = 10%
21
25
W
THD = 30%
28
35
W
VP = 13.2 V; THD = 0.5%
15
W
VP = 13.2 V; THD = 10%
21
W
THD
total harmonic distortion
Po =1W
0.1
%
V9 = 0.6 V; note 8
10
%
Bp
power bandwidth
THD = 0.5%; Po = −1dB
with respect to 16 W
20 to
20000
Hz
fro(l)
low frequency roll-off
at
−1 dB; note 1
25
Hz
fro(h)
high frequency roll-off
at
−1dB
20
−−
kHz
Gv
closed loop voltage gain
39
40
41
dB
SVRR
supply voltage ripple rejection on; note 2
40
−−
dB
mute; note 2
50
−−
dB
standby; note 2
80
−−
dB
Z
i
input impedance
25
30
38
k
Vn(o)
noise output voltage
on; note 3
200
250
µV
on; note 4
250
−µV
mute; note 5
135
−µV
α
cs
channel separation
note 6
45
−−
dB
∆Gv
channel unbalance
−−
1dB
Vo
output signal in mute
note 7
−−
5mV


Número de pieza similar - TDA8568Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8560 PHILIPS-TDA8560 Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

Descripción similar - TDA8568Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8569Q PHILIPS-TDA8569Q_15 Datasheet
206Kb / 18P
   4X40 W BTL quad car radio power amplifier
2003 Aug 08
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com