Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1301A-ADAVUATR Datasheet(PDF) 11 Page - Microchip Technology

No. de pieza TC1301A-ADAVUATR
Descripción Electrónicos  Dual LDO with Microcontroller RESET Function
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-ADAVUATR Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1301A-ADAVUATR Datasheet HTML 7Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 8Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 9Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 10Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 11Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 12Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 13Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 14Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21798B-page 11
TC1301A/B
Note: Unless otherwise indicated, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF (X5R or X7R),
CBYPASS = 0 pF, SHDN1 = SHDN2 > VIH. For the TC1301A, VDET = VOUT1, RESET = OPEN, TA = +25°C.
FIGURE 2-31:
RESET Output Voltage Low
vs. Junction Temperature.
FIGURE 2-32:
RESET Output Voltage High
vs. Junction Temperature.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VR1 = 2.8V,VR2 = 2.6V
VDET = VTH - 20 mV
IOL = 3.2 mA
IOL = 1.2 mA
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
-40 -25 -10
5
20 35
50 65 80
95 110 125
Junction Temperature (°C)
VR1 = 2.8V,VR2 = 2.6V
VDET = VTH + 20 mV
VDET = 4.2V
RESETISOURCE = 800 µA
VDET = 3.0V
RESETISOURCE = 500 µA


Número de pieza similar - TC1301A-ADAVUATR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1301A-ADAVUATR MICROCHIP-TC1301A-ADAVUATR Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
More results

Descripción similar - TC1301A-ADAVUATR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
TC1301B-DAAVUATR MICROCHIP-TC1301B-DAAVUATR Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
New Japan Radio
NJW4116T1 NJRC-NJW4116T1 Datasheet
1Mb / 13P
   Io=500mA LDO with Reset function
Ver.2016-04-05
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com