Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8705T Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TDA8705T
Descripción Electrónicos  6-bit high-speed dual Analog-to-Digital Converter ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8705T Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8705T Datasheet HTML 1Page - NXP Semiconductors TDA8705T Datasheet HTML 2Page - NXP Semiconductors TDA8705T Datasheet HTML 3Page - NXP Semiconductors TDA8705T Datasheet HTML 4Page - NXP Semiconductors TDA8705T Datasheet HTML 5Page - NXP Semiconductors TDA8705T Datasheet HTML 6Page - NXP Semiconductors TDA8705T Datasheet HTML 7Page - NXP Semiconductors TDA8705T Datasheet HTML 8Page - NXP Semiconductors TDA8705T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1996 Jan 12
5
Philips Semiconductors
Product specification
6-bit high-speed dual Analog-to-Digital
Converter (ADC)
TDA8705
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. The supply voltages VCCA, VCCO and VCCD may have any value between −0.3 V and +7.0 V provided the difference
between VCCA, VCCO and VCCD is between −1 V and +1 V.
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCCA
analog supply voltage
note 1
−0.3
+7.0
V
VCCD
digital supply voltage
note 1
−0.3
+7.0
V
VCCO
output stages supply voltage
note 1
−0.3
+7.0
V
∆V
CC
supply voltage differences
between VCCA and VCCD
−1.0
+1.0
V
∆VCC
supply voltage differences
between VCCO and VCCD
−1.0
+1.0
V
∆VCC
supply voltage differences
between VCCA and VCCO
−1.0
+1.0
V
VI
input voltage
referenced to AGND
−0.3
+7.0
V
Vclk(p-p)
AC input voltage for switching
(peak-to-peak value)
referenced to DGND
VCCD
V
IO
output current
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
0
+70
°C
Tj
junction temperature
+150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
70
K/W


Número de pieza similar - TDA8705T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8705AT PHILIPS-TDA8705AT Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
More results

Descripción similar - TDA8705T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7686 EXAR-MP7686 Datasheet
752Kb / 9P
   CMOS 6 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
logo
Mitel Networks Corporat...
VP215 MITEL-VP215 Datasheet
187Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter
logo
Zarlink Semiconductor I...
VP215 ZARLINK-VP215 Datasheet
109Kb / 7P
   Dual 90MHz 6-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com