Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8706 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza TDA8706
Descripción Electrónicos  6-bit analog-to-digital converter with multiplexer and clamp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8706 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8706 Datasheet HTML 4Page - NXP Semiconductors TDA8706 Datasheet HTML 5Page - NXP Semiconductors TDA8706 Datasheet HTML 6Page - NXP Semiconductors TDA8706 Datasheet HTML 7Page - NXP Semiconductors TDA8706 Datasheet HTML 8Page - NXP Semiconductors TDA8706 Datasheet HTML 9Page - NXP Semiconductors TDA8706 Datasheet HTML 10Page - NXP Semiconductors TDA8706 Datasheet HTML 11Page - NXP Semiconductors TDA8706 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1996 Aug 20
8
Philips Semiconductors
Preliminary specification
6-bit analog-to-digital converter with
multiplexer and clamp
TDA8706
Notes to the characteristics
1. Low frequency ramp signal (VVI(p-p) = 1.8 V and fi = 15 kHz) combined with a sinewave input voltage (VVI(p-p) = 0.5 V
and fi = 4.43 MHz) at the input.
2. Supply voltage ripple rejection (SVRR): variation of the input voltage produces output code 31 for a supply voltage
variation of 1 V.
3. Full-scale sinewave; fi = 4.43 MHz, fCLK = 20 MHz.
SVRR
20 log
∆V
Vi 31
()
∆V
CCA
-----------------------
=
Table 1
Output coding
Note
1. With clamping capacitance.
Table 2
Mode selection
STEP
VI(1)
BINARY
OUTPUTS
(TYP. VALUE)
D5 TO D0
Underflow
<2.2 V
000000
0
2.2 V
000000
1
2.215 V
000001
.
......
.
......
.
......
62
3.072 V
111110
63
3.086 V
111111
Overflow
>3.1 V
111111
CEN
D0 TO D5
1
high impedance
0
active; binary
Table 3
Clamp input A
Note
1. X = don’t care.
Table 4
Clamp input B and C
Note
1. X = don’t care.
A
CLAMP
DIGITAL
OUTPUTS
VinA
01
X(1)
2.2
110
2.2
B/C
CLAMP
DIGITAL
OUTPUTS
VinB/VinC
01
X(1)
2.65
1
1
32
2.65


Número de pieza similar - TDA8706

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
TDA8706AM PHILIPS-TDA8706AM Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
More results

Descripción similar - TDA8706

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
logo
Texas Instruments
TL5501 TI-TL5501 Datasheet
115Kb / 7P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
TL5501 TI1-TL5501_05 Datasheet
144Kb / 8P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Mitel Networks Corporat...
VP216 MITEL-VP216 Datasheet
143Kb / 8P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Zarlink Semiconductor I...
VP216 ZARLINK-VP216 Datasheet
253Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Mitel Networks Corporat...
VP215 MITEL-VP215 Datasheet
187Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com