Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8708AT Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TDA8708AT
Descripción Electrónicos  Video analog input interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8708AT Datasheet HTML 2Page - NXP Semiconductors TDA8708AT Datasheet HTML 3Page - NXP Semiconductors TDA8708AT Datasheet HTML 4Page - NXP Semiconductors TDA8708AT Datasheet HTML 5Page - NXP Semiconductors TDA8708AT Datasheet HTML 6Page - NXP Semiconductors TDA8708AT Datasheet HTML 7Page - NXP Semiconductors TDA8708AT Datasheet HTML 8Page - NXP Semiconductors TDA8708AT Datasheet HTML 9Page - NXP Semiconductors TDA8708AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
June 1994
6
Philips Semiconductors
Product specification
Video analog input interface
TDA8708A
CHARACTERISTICS
VCCA = V22 to V23 = 4.5 to 5.5 V; VCCD = V6 to V8 = 4.5 to 5.5 V; VCCO = V7 to V8 = 4.2 to 5.5 V; AGND and DGND
shorted together; VCCA to VCCD = −0.5 to +0.5 V; VCCO to VCCD = −0.5 to +0.5 V; VCCA to VCCO = −0.5 to +0.5 V;
Tamb = 0 to +70 °C; typical readings taken at VCCA = VCCD = VCCO = 5 V and Tamb = 25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
4.5
5.0
5.5
V
VCCD
digital supply voltage
4.5
5.0
5.5
V
VCCO
TTL output supply voltage
4.2
5.0
5.5
V
ICCA
analog supply current
37
45
mA
ICCD
digital supply current
24
30
mA
ICCO
TTL output supply current
TTL load (see Fig.8)
12
16
mA
Video amplifier inputs
VIN(0 TO 2) INPUTS
VI(p-p)
input voltage (peak-to-peak value)
AGC load with external
capacitor; note 1
0.6
1.5
V
|Zi|
input impedance
fi = 6 MHz
10
20
k
CI
input capacitance
fi = 6 MHz
1
pF
I0 AND I1 TTL INPUTS (SEE TABLE 1)
VIL
LOW level input voltage
0
0.8
V
VIH
HIGH level input voltage
2.0
VCCD
V
IIL
LOW level input current
VI = 0.4 V
−400
−−
µA
IIH
HIGH level input current
VI = 2.7 V
−−
20
µA
GATE A AND GATE B TTL INPUTS (SEE FIGS 4 AND 5)
VIL
LOW level input voltage
0
0.8
V
VIH
HIGH level input voltage
2.0
VCCD
V
IIL
LOW level input current
VI = 0.4 V
−400
−−
µA
IIH
HIGH level input current
VI = 2.7 V
−−
20
µA
tW
pulse width
see Fig.5
2
−−
µs
RPEAK INPUT (PIN 28)
I28(min)
minimum peak level current
R28 = 0 Ω−
80
150
µA
AGC INPUT (PIN 25)
V25(min)
AGC voltage for minimum gain
2.8
V
V25(max)
AGC voltage for maximum gain
4.0
V
AGC output current
see Table 2
CLAMP INPUT (PIN 24)
V24
clamp voltage for code 128 output
3.5
V
I24
clamp output current
see Table 3


Número de pieza similar - TDA8708AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8708 PHILIPS-TDA8708 Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
TDA8708B PHILIPS-TDA8708B Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
TDA8708BT PHILIPS-TDA8708BT Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
More results

Descripción similar - TDA8708AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8709A PHILIPS-TDA8709A Datasheet
170Kb / 28P
   Video analog input interface
June 1994
TDA8708B PHILIPS-TDA8708B Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
TDA8707 PHILIPS-TDA8707 Datasheet
97Kb / 16P
   Triple RGB 6-bit video analog-to-digital interface
1996 Feb 01
TDA8758 PHILIPS-TDA8758 Datasheet
196Kb / 24P
   YC 8-bit low-power analog-to-digital video interface
1996 Feb 01
logo
New Japan Radio
NJW1327 NJRC-NJW1327 Datasheet
240Kb / 21P
   Multi Input SD/ HD Video Interface with I2C Control
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
NXP Semiconductors
TDA8755 PHILIPS-TDA8755 Datasheet
153Kb / 20P
   YUV 8-bit video low-power analog-to-digital interface
1995 Mar 09
logo
New Japan Radio
NJW1326 NJRC-NJW1326 Datasheet
222Kb / 16P
   Multi Input Wide Band Video Interface with I2C Control
NJW1328 NJRC-NJW1328 Datasheet
237Kb / 19P
   Multi Input Wide Band Video Interface with I2C Control
logo
Texas Instruments
TVP3026 TI-TVP3026 Datasheet
513Kb / 107P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com